Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 42 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 43Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 44Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 45Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
EM77950
BB Controller
34
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
7.3.7 Pull-up Resistance Control Registers for Ports A~F –
PUCA~PUCF (0x8C ~ 0x91)
Each bit of PUCX is used to control the pull-up resistors attached to its corresponding
pin respectively. The theoretical value of the resistor is 64 K
Ω. However, due to
process variation, ±35% variation in resistance must be taken into consideration.
PUCX:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PUCX7
PUCX6
PUCX5
PUCX4
PUCX3
PUCX2
PUCX1
PUCX0
0
: Pull-up Resistors disconnected
1
: Pull-up Resistors attached
7.3.8 Open Drain Control Registers of Port B/Port C –
ODCB/ODCC (0x92/0x9A)
ODCB/ODCC:
Open drain control of Port B/Port C.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OPCX7
OPCX6
OPCX5
OPCX4
OPCX3
OPCX2
OPCX1
OPCX0
0
: Open drain disable
1
: Open drain enable
7.3.9 Timer Clock Counter Controller – TCCC (0x93)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
TCCS0
PSR2
PSR1
PSR0
Bit 0 ~ 2 (PSR0 ~ PSR2):
Prescaler for TCC.
PSR2
PSR1
PSR0
Clock Rate
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
Bit 3 (TCCS0):
Clock Source Select.
TCCS0
Clock Source
0
Selected PLL Clock Source
1
Selected IRC Clock Source
Bits 4 ~ 7
are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com