Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 79 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 79 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 75Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 76Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 77Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 78Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 79Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 80Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 81Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 82Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 83Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 71
(This specification is subject to change without further notice)
Programmed the same clock rate and the same clock edge to latch on both the
master device and slave device.
The received byte will replace the corresponding transmitted byte.
The RBFIF bit will be set, as the SPI operation is completed.
Timing is shown in Fig. 9-2.
SCK:
Serial Clock.
Generated by a master device.
Synchronize the data communication on both the SDI pin and the SDO pin.
The CES used to select the edge to communicate.
The SBR0~SBR2 used to determine the baud rate of communication.
The ES, SBR0, SBR1, and SBR2 bit have no effect in the slave mode.
Timing is shown in Fig. 9-2
SDO:
Serial Data Out
Transmit serially
Programmed the same clock rate and the same clock edge to latch on both the
master device and slave device.
The received byte will replace the transmitted byte.
The SPIS bit will be reset, as the SPI operation is completed.
Timing is shown in Fig. 9-2.
10 Analog to Digital Converter (ADC)
The analog-to-digital circuitry consists of one 16-to-1 multiplexer, two control registers
(ADCAIS and ADCCR), one data register (ADDATA) and one ADC calculator with 8-bit
resolution. The functional block diagram of the ADC is shown in Fig. 10. Port D [7:0]
and Port E [7:0] can be selected as either normal digital I/O ports or analog input ports.
A maximum of 16 analog input pins can be selected by ADCAIS register [5:3], IMS3
~IMS0 bits. Control bits, AIPS3 ~ AIPS0, of ADCCR [3:0] are then used to select the
ADC input channel that will supply analog signal to ADC calculator. CKR2 ~ CKR0
control bits are used to select the desired conversion rate. The ADC module, then,
utilizes successive approximation to convert the unknown analog signal into an 8-bit
digital output value. Finally, the 8-bit result is fed to the ADDATA register. If the ADC
interrupt is enabled, the ADC interrupt flag will be set to “1” as the analog-to-digital
conversion is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com