Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 92 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 92 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 88Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 89Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 90Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 91Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 92Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 93Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 94Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 95Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 96Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
EM77950
BB Controller
84
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Table 17.1 Values of RST, T and P after a reset
Condition
RST
T
P
Power on
0
1
1
WDTC instruction
*P
1
*P
WDT timeout
*P
0
*P
SLEP instruction
*P
*P
0
Wake-Up on pin change during SLEEP mode
1
1
0
*P: Previous status before reset
15.3
System Set-up Time (SST)
In order to have a successful start up, System Set-up Time (SSU) is employed to
guarantee a stable clock for IC operation. It is made up of two delay sources:
(1) Internal RC Oscillation Set-up Delay (IRCOSUD): Internal RC oscillation shared
with a watchdog timer divided by an 8-bit ripple counter.
(2) Main Oscillation Set-up Delay (MOSUD): A 10-bit ripple counter is used to filter
unstable main clocks at the beginning of power-on before the chip starts to run.
This delay is performed right after IRCOSUD, if enabled
10
8
2
1
2
768
.
32
1
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
=
Clock
Main
K
SST
8 -
bit Ripple Counter
Internal
RC Osc .
10 -
bit Ripple Counter
OSC1
RCSUTE
SST
Fig. 15 System Set-up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com