Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 66 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 66 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 62Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 63Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 64Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 65Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 66Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 67Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 68Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 69Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 70Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
EM77950
BB Controller
58
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Bit 7:
LOW_MODE
Enables or disables low power mode for RFW-102
0
: Disables low mode (normal mode).
1
: Enables low mode. BB is in RX mode, while RFW-102 is in TX mode.
User has to put the BB into RX mode to disable RX and Preamble search,
before enabling LOW_MODE. This transfers the RFW-102 to TX mode using
RX_TX pin, while the BB is still in RX mode.
RFW-102 power consumption is lower in TX mode than in RX mode. BB
cannot remain in TX mode, if it is not transmitting. The low mode is the
combination of both of the above.
Default Value:
0x01
8.3.8 System Control Register 4 (SCR4)
This register is a read and a write register.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCR4
N/A
N/A
N/A
N/A
FIFO
FLAGS
WIN
CONT
RF_AC
TIVE
IE
Bit 0:
IE
This flag enables all interrupts when set to ‘1’.
When ‘0’ all interrupts are disabled.
Bit 1:
RF_ACTIVE
This bit controls RF_ACTIVE pin. When this bit is high the RF Modem is active.
Bit 2:
WIN CONT
This bit determines the size of the WINDOW in the Preamble search module.
IF (BLR+6) > 14 and WIN_CONT=1, then the preamble window size is 5
Bit 3:
FIFO FLAGS
Determines the RX_FIFO AF flag and TX_FIFO AE flag:
IF FIFO FLAGS = 0 then AF = 12 and AE = 4.
IF FIFO FLAGS = 1 then AF = 8 and AE = 8.
Default Value:
0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com