Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 64 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 64 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 60Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 61Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 62Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 63Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 64Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 65Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 66Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 67Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 68Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
EM77950
BB Controller
56
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Bit 1:
SEARCH_EN
Preamble search enable bit.
When 1
: Enables the search for Preamble in receive mode.
When 0
: Disables the search for Preamble in receive mode, (used when user
configures the system while in default receive mode).
This bit’s default value is ‘0’. It must be set to ‘1’ in order to start receiving a
packet.
Bit 2:
RX_FIFO_RESET
This bit resets the RX_FIFO address pointers when set to Logic 1. This bit is
set by MCU and is cleared automatically by BB.
Bit 3:
TX_FIFO_RESET
This bit resets the TX_FIFO address pointers when set to Logic 1. This bit is
set by MCU and is cleared automatically by BB.
Bit 4:
STOP_RX
This bit stops receiving the current command, resets the RX_FIFO counters
and start new searches for preamble. This bit is set by MCU and is cleared
automatically by BB.
Bits 5-7:
PRE_MASK [0:2]
These bits determine the mask on PRE-H in preamble correlation. Meaning, it
determines the size of the Preamble in the receiver.
The PRE-L is always used in the Preamble correlation.
BB cuts off bit from PRE-H register, starting from the MSB.
PRE
MASK 0
PRE
MASK 1
PRE
MASK 2
Preamble Size
0
0
0
16
0
0
1
15
0
1
0
14
0
1
1
13
1
0
0
12
1
0
1
11
1
1
0
10
1
1
1
9
Default Value:
0x60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com