Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 24Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 25Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 26Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 27Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 28Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 29Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 30Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 31Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
EM77950
BB Controller
20
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Addr
Name
Reset Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Full Name
BB Interrupt Flag Register
Bit Name
CSDF TX_AEF RX_AFF TX_EMPTYF RX_OFF LINK_DISF LOCK_OUTF LOCK_INF
Read / Write (R/W)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
0x30 RFINTF
Wake-up from Int
P
P
P
P
P
P
P
P
Full Name
Dual Port Registers (64 in total)
Bit Name
DPR7
DPR6
DPR5
DPR4
DPR3
DPR2
DPR1
DPR0
Read / Write (R/W)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
×
×
×
×
×
×
×
×
/RESET and WDT
×
×
×
×
×
×
×
×
0x40
~
0x7F
DPR
Wake-up from Int
P
P
P
P
P
P
P
P
Full Name
Peripheral Function Enable
Bit Name
SPIE
-
BBE
ADE
PWM1E PWM0E
TCCE
FRCE
Read / Write (R/W)
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
0
-
0
0
0
0
0
0
/RESET and WDT
0
-
0
0
0
0
0
0
0x80
PRIE
Wake-up from Int
P
-
P
P
P
P
P
P
Full Name
Interrupt Enable Control Register
Bit Name
GIE
RBFIE PWM1IE PWM0IE EINT1E EINT0E TCCOE FRCOE
Read / Write (R/W)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
0x81
INTE
Wake-up from Int
P
P
P
P
P
P
P
P
Full Name
Port A Key Wake up Interrupt Enable Control Register
Bit Name
-
-
-
-
KWUBE
KWUAE KWU9E KWU8E
Read / Write (R/W)
-
-
-
-
R/W
R/W
R/W
R/W
Power-on
-
-
-
-
0
0
0
0
/RESET and WDT
-
-
-
-
0
0
0
0
0x82 KWUAIE
Wake-up from Int
-
-
-
-
P
P
P
P
Full Name
Port B Key Wake up Interrupt Enable Control Register
Bit Name
KWU7E
KWU6E KWU5E KWU4E KWU3E KWU2E KWU1E KWU0E
Read / Write (R/W)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
0x83 KWUBIE
Wake-up from Int
P
P
P
P
P
P
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com