Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 11Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 12Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 13Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 14Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 15Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 16Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 17Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 18Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 7
(This specification is subject to change without further notice)
Pin #
Symbol
Type
Schmitt
Trigger
Pull High
/50K
Ω
Open
Drain
Function Description
35~42
PTD0~7,
ADC0~7
I/O
−
√
−
Pins 0~7 of Port D
Inputs 0~7 of ADC
43
VREF
I
−
−
−
Reference voltage for ADC
44~51
PTE0~7,
ADC8~F
I/O
−
√
−
Pins 0~7 of Port E
Inputs 8~F of ADC
52
AVDD
−
−
−
−
Power supply for analog circuit. The power
source value should be within the range of the
operating voltage.
The Table below shows the corresponding relationship between the pad and pins of EM77950B
Pin #
Symbol
Type
Schmitt
Trigger
Pull High
/50K
Ω
Open
Drain
Function Description
1
PTF0/OSCO2
I/O
−
√
−
Pin 0 of Port F
Selected PLL clock out
2
PF1
I/O
−
√
−
Pin 1 of Port F
3~6
KWU8~B,
PA0~3
I/O
−
√
−
Pins 0~3 of Port A (default)
Key Wake-up 8~B
7
/RST
−
√
−
−
Reset pin
8~10
PTA4~6
I/O
−
√
−
Pins 4~6 of Port A
11
PWM0/PTA7
I/O
−
√
−
Pin 7 of Port A.
PWM0 output
12~15 PB0 ~ PB3
I/O
−
√
√
Pins 0~3 of Port B (default)
Key Wake-up 0~7
16
DVDD
−
−
−
−
Power supply for digital circuit. The power
source value should be within the range of the
operating voltage.
17
RF_ACT
O
−
−
−
BB/RF Active
18
TXRX
O
−
−
−
Transceiver modes control
19
RFIO
I/O
−
−
−
Transceiver to/from RF modem
20
DVSS
−
−
−
−
Ground Pin for Digital circuit
21
SDI/PTC0
I/O
√
√
√
Data in of SPI
Pin 0 of Port C
22
SDO/PTC1
I/O
√
√
√
Data out of SPI
Pin 1 of Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com