Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 30Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 31Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 32Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 33Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 34Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 35Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 36Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 37Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
EM77950
BB Controller
26
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
All the bits of PC are set "0"s as a reset condition occurs.
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents
at the top of stack.
"MOV R2, A" allows the loading of an address from the "A" register to the lower 8
bits of the PC, and the high byte (A8~A14) of the PC remain unchanged.
"ADD R2, A" & "TBL" allows a corresponding address / offset be added to the
current PC.
7.1.4 Status Register – SR (0x03)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
RST
T
P
Z
DC
C
Bit 0 (C):
Carry flag. This bit indicates that a carry out of ALU occurred during the last
arithmetic operation. This bit is also affected during bit test, branch
instruction and bit shifts.
Bit 1 (DC):
Auxiliary carry flag. This bit is set during ADD and ADC operations to
indicate that a carry occurred between Bit 3 and Bit 4.
Bit 2 (Z):
Zero flag. Set to "1" if the result of the last arithmetic, data or logic operation
is zero.
Bit 3 (P):
Power down bit. Set to 1 during power on or by a "WDTC" command and
reset to 0 by a "SLEP" command.
Bit 4 (T):
Time-out bit. Set to 1 by the "SLEP" command and the "WDTC" command, or
during power up and reset to 0 by WDT timeout.
Bit 5 (RST):
Set if the CPU wakes up by keying Wake-up pins. Reset if the chip wakes
up from other ways.
Bits 6 and 7
are reserved.
7.1.5 RAM Bank Selector – RAMBS0 (0x04), and RAMBS1 (0x07)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
RAMBSX2 RAMBSX1 RAMBSX0
As depicted in Fig. 6-2, there are seven available banks in the MCU. Each of them
have 128 registers and can be accessed by defining the bits, RAMBSX0 ~ RAMBSX2,
as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com