Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 43Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 44Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 45Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 46Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 47Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
EM77950
BB Controller
36
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Bit 0 ~ 2 (RAT0 ~ RAT2):
Prescaler of WDT.
RAT2
RAT1
RAT0
Clock Rate
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
Bit 4 (WDTCE):
Enable the WDT Counter
0
: WDT disabled;
1
: WDT enabled.
Bits 7 (GREEN):
for the reason of power saving, the system clock can be changed to
internal RC mode.
1
: Green Mode
0
: Normal Mode
Bits 3, 5 and 6
are reserved.
7.3.12
ADC Analog Input Pin Select – ADCAIS (0x96)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
IMS2
IMS1
IMS0
CKR1
CKR0
CKR0 ~ CKR2 (Bit 0 ~ Bit 2)
: AD conversion Rate control bits.
IMS2~IMS0 (Bit 2 ~ Bit 4):
ADC configuration definition bit.
Bits 5 ~ 7
are reserved.
7.3.13
ADC Configuration Register – ADCCR (0x97)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADRUN
ADIE
-
-
AIPS3
AIPS2
AIPS1
AIPS0
Bit 0 ~ Bit3 (AIPS0~AIPS3):
Analog Input Select.
Bit 6 ~ Bit 7 (ADIE):
ADC interrupt enable.
0
: ADC interrupt disable
1
: ADC interrupt enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com