Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 91 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 91 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 87Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 88Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 89Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 90Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 91Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 92Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 93Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 94Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 95Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 83
(This specification is subject to change without further notice)
14.3.3
FRC Programming Procedures/Steps
(1) Load LFRCB with the FRC overflow period low byte.
(2) Load HFRC with the TCC overflow period high byte. Then LFRC will load with the
LFRCB automatically.
(3) Enable interrupt function by setting FRCOE in the INTE register, if required.
(4) Enable FRC function by setting FRCE bit in the PRIE register.
(5) Wait for either the interrupt flag to be set (FRCOF) or the FRC interrupt to occur.
(6) An access of low byte of a 16-bit counter receives the count value at the moment of
the read. However, the contents of low byte will transfer to the buffer, the LFRCB
register, if a high byte is read first. The value in the LFRCB register remains
unchanged until the corresponding low byte is read.
(7) The following formula describes how to calculate the FRC overflow period:
()
⎟
⎠
⎞
⎜
⎝
⎛
×
−
×
=
e
ClockSourc
LFRC
HFRC
Timer
FRC
1
:
10000
0
where Clock Source = Fosc or IRC
15 Reset and Wake up
15.1
Reset
A reset can be caused by one of the following:
(1) Power-on reset
(2) /RESET pin input "low", or
(3) Watchdog timer time-out (if enabled)
The device will remain in a reset condition for a period of 8-bit external RC ripple
counter (one oscillator start-up timer period) after the reset is detected. The initial
Address is 000h.
15.2
The Status of RST, T, and P of the STATUS Register
A reset condition can be caused by the following events:
(1) A power-on condition (external);
(2) A high-low-high pulse on the /RESET pin (external); and
(3) Watchdog timer time-out (internal).
The values of bits RST, T and P, listed in Table 17.1 can be used to check how the
processor wakes up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com