Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 90 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 90 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 86Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 87Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 88Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 89Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 90Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 91Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 92Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 93Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 94Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
EM77950
BB Controller
82
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
14.3
Free Run Counter
Dual 8-bit counters, high byte register and low byte register, make up the 16-bit software
programmable counter. The driving clock source is either the system clock divided by 2
or the low frequency oscillator. A read of the low byte register allows full control of the
corresponding timer function. On the contrary, accessing a high byte register will inhibit
the specific timer function until the corresponding low byte is read as well.
14.3.1
Block Diagram of FRC
M
U
X
LFRF
FRCOF
Data Bus
Fosc
1
0
IRC
FRCE
Sync with
Internal
Clock
FRCCS
HFRC
LFRFB
Fig. 14-2 Function Block Diagram of Timer 1
14.3.2
FRC Control Registers
As the FRC mode is defined, the related registers of this operation are shown below:
INTF (0x11):
Interrupt flag.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADIF
RBFIF
PWM1IF
PWM0IF
EINT1F
EINT0F
TCCOF
FRCOF
LFRC (0x1A):
Least significant byte of 16-bit free run counter.
HFRC (0x1B):
Most significant byte of 16-bit free run counter.
LFRCB (0x1C):
Least significant byte buffer of 16-bit free run counter.
PRIE (0x80):
Peripherals enable control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPIE
-
BBE
ADE
PWM1E
PWM0E
TCCE
FRCE
INTE (0x81):
Interrupt enable control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GIE
RBFIE
PWM1IE
PWM0IE
EINT1E
EINT0E
TCCOE
FRCOE
FRCC (0x94):
Free run counter control.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
OSCO2E OSCO2SL1 OSCO2SL0 PPSCL2
PPSCL1
PPSCL0
FRCCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com