Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 67 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 67 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 63Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 64Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 65Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 66Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 67Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 68Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 69Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 70Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 71Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 59
(This specification is subject to change without further notice)
8.3.9 Transmit FIFO Status Register (TFSR)
This register is a read-only register. It contains the number of bytes in the TX_FIFO.
Default Value:
0x00 (TX_FIFO empty).
8.3.10
Receive FIFO Status Register (RFSR)
This register is a read-only register. It contains the number of bytes in the RX_FIFO.
Default Value:
0x00 (TR_FIFO empty).
8.3.11
Location Control Register (LCR)
This is a read and a write register.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LCR
-
SIZE
LOC 2
SIZE
LOC 1
SIZE
LOC 0
NET
LOC1
NET
LOC 0
NODE
LOC 1
NODE
LOC 0
Bits 0, 1:
NODE_LOC [0:1]
These bits determine the location of the NODE_ID parameter in the header
(the location is specified in bytes excluding preamble). The location should be
fixed for all of different kinds of packets transferred by the system. NODE_ID
must never be set to be smaller than NET_ID, if both filters are enabled.
Location
NODE LOC 1
NODE LOC 0
2
0
0
3
0
1
4
1
0
5
1
1
Bits 2, 3:
NET_LOC [0:1]
These bits determine the location of the NET_ID parameter in the header (the
location is specified in bytes excluding the Preamble). The location should be
fixed for all the different kinds of packets transferred by the system.
Location
NET LOC 1
NET LOC 0
1
0
0
2
0
1
3
1
0
4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com