Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 82 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 82 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 78Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 79Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 80Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 81Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 82Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 83Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 84Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 85Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 86Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
EM77950
BB Controller
74
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
ADIE (Bit 6)
: ADC interrupt enable.
ADRUN (Bit 7)
: ADC starts to RUN
0
= reset on completion of the conversion; this bit cannot be reset by
software.
1
= an A/D conversion is started; this bit can be set by software.
10.2
Programming Steps/Considerations
Follow these steps to obtain data from the ADC:
1.
Set ADC function power on (PRIE.ADE).
2.
Write to the three bits (IMS2:IMS0) on the ADCCR register to define the
characteristics of PD and PF: Digital I/O, analog channels, and voltage reference
pin;
3.
Write to the ADCAIS register to configure ADC module:
i
Select ADC input channel (AIPS3: AIPS0)
ii
Define ADC conversion clock rate (CKR2: CKR1: CKR0)
4.
Set ADC interrupt enable (ADCCR.ADIE). Include the “ENI” instruction, if the
interrupt function is employed.
5.
Set the ADRUN bit to 1 to begin sampling.
6.
Wait for either the interrupt flag to be set or the ADC interrupt to occur.
7.
Read the conversion data register ADDATA.
8.
Clear the interrupt flag bit (INTF.ADIF).
9.
For next conversion, go to Step 2 or Step 3 as required. At least 2Tct is required
before the next acquisition starts.
NOTE
To obtain an accurate value, it is necessary to avoid any data transition on the I/O
pins during AD conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com