Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 162 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 162 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 158Page - Maxim Integrated Products DS26521 Datasheet HTML 159Page - Maxim Integrated Products DS26521 Datasheet HTML 160Page - Maxim Integrated Products DS26521 Datasheet HTML 161Page - Maxim Integrated Products DS26521 Datasheet HTML 162Page - Maxim Integrated Products DS26521 Datasheet HTML 163Page - Maxim Integrated Products DS26521 Datasheet HTML 164Page - Maxim Integrated Products DS26521 Datasheet HTML 165Page - Maxim Integrated Products DS26521 Datasheet HTML 166Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
162 of 258
Register Name:
RRTS3 (T1 Mode)
Register Description:
Receive Real-Time Status Register 3
Register Address:
0B2h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
LORC
LSP
LDN
LUP
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are real-time (not latched). See RRTS3 for E1 mode.
Bit 3: Loss of Receive Clock Condition (LORC). Set when the RCLK pin has not transitioned for one channel
time.
Bit 2: Spare Code Detected Condition (LSP). Set when the spare code as defined in the T1RSCD1:T1RSCD2
registers is being received.
Bit 1: Loop-Down Code Detected Condition (LDN). Set when the loop-down code as defined in the
T1RDNCD1:T1RDNCD2 register is being received.
Bit 0: Loop-Up Code Detected Condition (LUP). Set when the loop-up code as defined in the
T1RUPCD1:T1RUPCD2 register is being received.
Register Name:
RRTS3 (E1 Mode)
Register Description:
Receive Real-Time Status Register 3
Register Address:
0B2h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
LORC
—
V52LNK
RDMA
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are real-time (not latched). See RRTS3 for T1 mode.
Bit 3: Loss of Receive Clock Condition (LORC). Set when the RCLK pin has not transitioned for one channel
time.
Bit 1: V5.2 Link Detected Condition (V52LNK). Set on detection of a V5.2 link identification signal (G.965).
Bit 0: Receive Distant MF Alarm Condition (RDMA). Set when bit 6 of time slot 16 in frame 0 has been set for
two consecutive multiframes. This alarm is not disabled in the CCS signaling mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com