Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 165 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 165 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 161Page - Maxim Integrated Products DS26521 Datasheet HTML 162Page - Maxim Integrated Products DS26521 Datasheet HTML 163Page - Maxim Integrated Products DS26521 Datasheet HTML 164Page - Maxim Integrated Products DS26521 Datasheet HTML 165Page - Maxim Integrated Products DS26521 Datasheet HTML 166Page - Maxim Integrated Products DS26521 Datasheet HTML 167Page - Maxim Integrated Products DS26521 Datasheet HTML 168Page - Maxim Integrated Products DS26521 Datasheet HTML 169Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
165 of 258
Register Name:
RCBR1, RCBR2, RCBR3, RCBR4
Register Description:
Receive Channel Blocking Registers 1 to 4
Register Address:
0C4h, 0C5h, 0C6h, 0C7h
Bit #
7
6
5
4
3
2
1
0
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RCBR1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RCBR2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RCBR3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
(F-bit)
RCBR4*
(E1 Mode
Only)
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Receive Channel Blocking Control Bits for Channels 1 to 32 (CH[1:32]).
0 = force the RCHBLK pin to remain low during this channel time
1 = force the RCHBLK pin high during this channel time
*Note that RCBR4 has two functions:
When 2.048MHz backplane mode is selected, this register allows the user to enable the channel blocking
signal for any of the 32 possible backplane channels.
When 1.544MHz backplane mode is selected, the LSB of this register determines whether or not the
RCHBLK signal will pulse high during the F-Bit time. In this mode, RCBR4.1:RCBR4.7 should be set to 0.
RCBR4.0 = 0, do not pulse RCHBLK during the F-bit.
RCBR4.0 = 1, pulse RCHBLK during the F-bit.
Register Name:
RSI1, RSI2, RSI3, RSI4
Register Description:
Receive-Signaling Reinsertion Enable Registers 1 to 4
Register Address:
0C8h, 0C9h, 0CAh, 0CBh
Bit #
7
6
5
4
3
2
1
0
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RSI1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RSI2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RSI3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
RSI4
(E1 Mode
Only)
Default
0
0
0
0
0
0
0
0
Setting any of the CH[1:24] bits in the RSI1:RSI3 registers causes signaling data to be reinserted for the associated
channel. RSI4 is used for 2.048MHz backplane operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com