Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 169 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 169 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 165Page - Maxim Integrated Products DS26521 Datasheet HTML 166Page - Maxim Integrated Products DS26521 Datasheet HTML 167Page - Maxim Integrated Products DS26521 Datasheet HTML 168Page - Maxim Integrated Products DS26521 Datasheet HTML 169Page - Maxim Integrated Products DS26521 Datasheet HTML 170Page - Maxim Integrated Products DS26521 Datasheet HTML 171Page - Maxim Integrated Products DS26521 Datasheet HTML 172Page - Maxim Integrated Products DS26521 Datasheet HTML 173Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
169 of 258
Register Name:
THBSE
Register Description:
Transmit HDLC Bit Suppress Register
Register Address:
111h
Bit #
7
6
5
4
3
2
1
0
Name
TBSE8
TBSE7
TBSE6
TBSE5
TBSE4
TBSE3
TBSE2
TBSE1
Default
0
0
0
0
0
0
0
0
Bit 7: Transmit Bit 8 Suppress (TBSE8). MSB of the channel. Set to one to stop this bit from being used.
Bit 6: Transmit Bit 7 Suppress (TBSE7). Set to one to stop this bit from being used.
Bit 5: Transmit Bit 6 Suppress (TBSE6). Set to one to stop this bit from being used.
Bit 4: Transmit Bit 5 Suppress (TBSE5). Set to one to stop this bit from being used.
Bit 3: Transmit Bit 4 Suppress (TBSE4). Set to one to stop this bit from being used.
Bit 2: Transmit Bit 3 Suppress (TBSE3). Set to one to stop this bit from being used.
Bit 1: Transmit Bit 2 Suppress (TBSE2). Set to one to stop this bit from being used.
Bit 0: Transmit Bit 1 Suppress (TBSE1). LSB of the channel. Set to one to stop this bit from being used.
Register Name:
THC2
Register Description:
Transmit HDLC Control Register 2
Register Address:
113h
Bit #
7
6
5
4
3
2
1
0
Name
TABT
SBOC
THCEN
THCS4
THCS3
THCS2
THCS1
THCS0
TABT
—
THCEN
THCS4
THCS3
THCS2
THCS1
THCS0
Default
0
0
0
0
0
0
0
0
Bit 7: Transmit Abort (TABT). A 0-to-1 transition will cause the FIFO contents to be dumped and one FEh abort to
be sent followed by 7Eh or FFh flags/idle until a new packet is initiated by writing new data into the FIFO. Must be
cleared and set again for a subsequent abort to be sent.
Bit 6: Send BOC (SBOC) (T1 Mode Only). Set = 1 to transmit the BOC code placed in bits 0 to 5 of the T1TBOC
register.
Bit 5: Transmit HDLC Controller Enable (THCEN).
0 = Transmit HDLC controller is not enabled.
1 = Transmit HDLC controller is enabled.
Bits 4 to 0: Transmit HDLC Channel Select (THCS[4:0]). Determines which DSO channel will carry the HDLC
message if enabled. Changes to this value are acknowledged only upon a transmit HDLC controller reset (THR at
THC1.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com