Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 173 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 173 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 169Page - Maxim Integrated Products DS26521 Datasheet HTML 170Page - Maxim Integrated Products DS26521 Datasheet HTML 171Page - Maxim Integrated Products DS26521 Datasheet HTML 172Page - Maxim Integrated Products DS26521 Datasheet HTML 173Page - Maxim Integrated Products DS26521 Datasheet HTML 174Page - Maxim Integrated Products DS26521 Datasheet HTML 175Page - Maxim Integrated Products DS26521 Datasheet HTML 176Page - Maxim Integrated Products DS26521 Datasheet HTML 177Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
173 of 258
Register Name:
TCICE1, TCICE2, TCICE3, TCICE4
Register Description:
Transmit Channel Idle Code Enable Registers 1 to 4
Register Address:
150h, 151h, 152h, 153h
Bit #
(MSB) 7
6
5
4
3
2
1
0 (LSB)
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TCICE1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TCICE2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TCICE3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TCICE4
(E1 Mode
Only)
Default
0
0
0
0
0
0
0
0
The Transmit Channel Idle Code Enable registers (TCICE1:TCICE4) are used to determine which of the 24 T1
channels (or 32 E1 channels) from the backplane should be overwritten with the code placed in the Transmit Idle
Code Definition register (TIDR1:TIDR32).
Bits 7 to 0: Transmit Channels 1 to 32 Code Insertion Control Bits (CH[1:32]).
0 = do not insert data from the Idle Code Array into the transmit data stream
1 = insert data from the Idle Code Array into the transmit data stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com