Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 174 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 174 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 170Page - Maxim Integrated Products DS26521 Datasheet HTML 171Page - Maxim Integrated Products DS26521 Datasheet HTML 172Page - Maxim Integrated Products DS26521 Datasheet HTML 173Page - Maxim Integrated Products DS26521 Datasheet HTML 174Page - Maxim Integrated Products DS26521 Datasheet HTML 175Page - Maxim Integrated Products DS26521 Datasheet HTML 176Page - Maxim Integrated Products DS26521 Datasheet HTML 177Page - Maxim Integrated Products DS26521 Datasheet HTML 178Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
174 of 258
Register Name:
TFRID
Register Description:
Transmit Firmware Revision ID Register
Register Address:
161h
Bit #
7
6
5
4
3
2
1
0
Name
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Firmware Revision (FR[7:0]). This read-only register reports the transmitter firmware revision.
Register Name:
T1TFDL (T1 Mode)
Register Description:
Transmit FDL Register
Register Address:
162h
Bit #
7
6
5
4
3
2
1
0
Name
TFDL7
TFDL6
TFDL5
TFDL4
TFDL3
TFDL2
TFDL1
TFDL0
Default
0
0
0
0
0
0
0
0
Note: Also used to insert Fs framing pattern in D4 framing mode.
The Transmit FDL register (T1TFDL) contains the Facility Data Link (FDL) information that is to be inserted on a
byte basis into the outgoing T1 data stream. The LSB is transmitted first. In D4 mode, only the lower six bits are
used.
Bit 7: Transmit FDL Bit 7 (TFDL7). MSB of the transmit FDL code.
Bit 6: Transmit FDL Bit 6 (TFDL6).
Bit 5: Transmit FDL Bit 5 (TFDL5).
Bit 4: Transmit FDL Bit 4 (TFDL4).
Bit 3: Transmit FDL Bit 3 (TFDL3).
Bit 2: Transmit FDL Bit 2 (TFDL2).
Bit 1: Transmit FDL Bit 1 (TFDL1).
Bit 0: Transmit FDL Bit 0 (TFDL0). LSB of the transmit FDL code.
Register Name:
T1TBOC (T1 Mode Only)
Register Description:
Transmit BOC Register
Register Address:
163h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
TBOC5
TBOC4
TBOC3
TBOC2
TBOC1
TBOC0
Default
0
0
0
0
0
0
0
0
Bit 5: Transmit BOC Bit 5 (TBOC5). MSB of the transmit BOC code.
Bit 4: Transmit BOC Bit 4 (TBOC4).
Bit 3: Transmit BOC Bit 3 (TBOC3).
Bit 2: Transmit BOC Bit 2 (TBOC2).
Bit 1: Transmit BOC Bit 1 (TBOC1).
Bit 0: Transmit BOC Bit 0 (TBOC0). LSB of the transmit BOC code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com