Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 178 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 178 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 174Page - Maxim Integrated Products DS26521 Datasheet HTML 175Page - Maxim Integrated Products DS26521 Datasheet HTML 176Page - Maxim Integrated Products DS26521 Datasheet HTML 177Page - Maxim Integrated Products DS26521 Datasheet HTML 178Page - Maxim Integrated Products DS26521 Datasheet HTML 179Page - Maxim Integrated Products DS26521 Datasheet HTML 180Page - Maxim Integrated Products DS26521 Datasheet HTML 181Page - Maxim Integrated Products DS26521 Datasheet HTML 182Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
178 of 258
Register Name:
E1TSa5 (E1 Mode Only)
Register Description:
Transmit Sa5 Bits Register
Register Address:
16Ah
Bit #
7
6
5
4
3
2
1
0
Name
TSa5F15
TSa5F13
TSa5F11
TSa5F9
TSa5F7
TSa5F5
TSa5F3
TSa5F1
Default
0
0
0
0
0
0
0
0
Bit 7: Sa5 Bit of Frame 15 (TSa5F15).
Bit 6: Sa5 Bit of Frame 13 (TSa5F13).
Bit 5: Sa5 Bit of Frame 11 (TSa5F11).
Bit 4: Sa5 Bit of Frame 9 (TSa5F9).
Bit 3: Sa5 Bit of Frame 7 (TSa5F7).
Bit 2: Sa5 Bit of Frame 5 (TSa5F5).
Bit 1: Sa5 Bit of Frame 3 (TSa5F3).
Bit 0: Sa5 Bit of Frame 1 (TSa5F1).
Register Name:
E1TSa6 (E1 Mode)
Register Description:
Transmit Sa6 Bits Register
Register Address:
16Bh
Bit #
7
6
5
4
3
2
1
0
Name
TSa6F15
TSa6F13
TSa6F11
TSa6F9
TSa6F7
TSa6F5
TSa6F3
TSa6F1
Default
0
0
0
0
0
0
0
0
Bit 7: Sa6 Bit of Frame 15 (TSa6F15).
Bit 6: Sa6 Bit of Frame 13 (TSa6F13).
Bit 5: Sa6 Bit of Frame 11 (TSa6F11).
Bit 4: Sa6 Bit of Frame 9 (TSa6F9).
Bit 3: Sa6 Bit of Frame 7 (TSa6F7).
Bit 2: Sa6 Bit of Frame 5 (TSa6F5).
Bit 1: Sa6 Bit of Frame 3 (TSa6F3).
Bit 0: Sa6 Bit of Frame 1 (TSa6F1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com