Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 181 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 181 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 177Page - Maxim Integrated Products DS26521 Datasheet HTML 178Page - Maxim Integrated Products DS26521 Datasheet HTML 179Page - Maxim Integrated Products DS26521 Datasheet HTML 180Page - Maxim Integrated Products DS26521 Datasheet HTML 181Page - Maxim Integrated Products DS26521 Datasheet HTML 182Page - Maxim Integrated Products DS26521 Datasheet HTML 183Page - Maxim Integrated Products DS26521 Datasheet HTML 184Page - Maxim Integrated Products DS26521 Datasheet HTML 185Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
181 of 258
Register Name:
TCR1 (T1 Mode)
Register Description:
Transmit Control Register 1
Register Address:
181h
Bit #
7
6
5
4
3
2
1
0
Name
TJC
TFPT
TCPT
TSSE
GB7S
TB8ZS
TAIS
TRAI
Default
0
0
0
0
0
0
0
0
Note: See TCR1 for E1 mode.
Bit 7: Transmit Japanese CRC-6 Enable (TJC).
0 = use ANSI/AT&T:ITU-T CRC-6 calculation (normal operation)
1 = use Japanese standard JT-G704 CRC-6 calculation
Bit 6: Transmit F-Bit Pass Through (TFPT).
0 = F-bits sourced internally
1 = F-bits sampled at TSER
Bit 5: Transmit CRC Pass Through (TCPT).
0 = source CRC-6 bits internally
1 = CRC-6 bits sampled at TSER during F-bit time
Bit 4: Transmit Software-Signaling Enable (TSSE). This function is enabled by TB7ZS (TCR2.0).
0 = do not source signaling data from the TSx registers regardless of the SSIEx registers. The SSIEx
registers still define which channels are to have B7 stuffing performed.
1 = source signaling data as enabled by the SSIEx registers.
Bit 3: Global Bit 7 Stuffing (GB7S). This function is enabled by TB7ZS (TCR2.0).
0 = allow the SSIEx registers to determine which channels containing all zeros are to be bit 7 stuffed
1 = force bit 7 stuffing in all zero-byte channels of that port, regardless of how the SSIEx registers are
programmed
Bit 2: Transmit B8ZS Enable (TB8ZS).
0 = B8ZS disabled
1 = B8ZS enabled
Bit 1: Transmit Alarm Indication Signal (TAIS).
0 = transmit data normally
1 = transmit an unframed all-ones code at TTIP and TRING
Bit 0: Transmit Remote Alarm Indication (TRAI).
0 = do not transmit remote alarm
1 = transmit remote alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com