Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 184 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 184 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 180Page - Maxim Integrated Products DS26521 Datasheet HTML 181Page - Maxim Integrated Products DS26521 Datasheet HTML 182Page - Maxim Integrated Products DS26521 Datasheet HTML 183Page - Maxim Integrated Products DS26521 Datasheet HTML 184Page - Maxim Integrated Products DS26521 Datasheet HTML 185Page - Maxim Integrated Products DS26521 Datasheet HTML 186Page - Maxim Integrated Products DS26521 Datasheet HTML 187Page - Maxim Integrated Products DS26521 Datasheet HTML 188Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
184 of 258
Register Name:
TCR2 (E1 Mode)
Register Description:
Transmit Control Register 2
Register Address:
182h
Bit #
7
6
5
4
3
2
1
0
Name
AEBE
AAIS
ARA
Sa4S
Sa5S
Sa6S
Sa7S
Sa8S
Default
0
0
0
0
0
0
0
0
Note: See TCR2 for T1 mode.
Bit 7: Automatic E-Bit Enable (AEBE).
0 = E-bits not automatically set in the transmit direction
1 = E-bits automatically set in the transmit direction
Bit 6: Automatic AIS Generation (AAIS).
0 = disabled
1 = enabled
Bit 5: Automatic Remote Alarm Generation (ARA).
0 = disabled
1 = enabled
Bit 4: Sa4 Bit Select (Sa4S). Set to one to source the Sa4 bit; set to zero to not source the Sa4 bit.
Bit 3: Sa5 Bit Select (Sa5S). Set to one to source the Sa5 bit; set to zero to not source the Sa5 bit.
Bit 2: Sa6 Bit Select (Sa6S). Set to one to source the Sa6 bit; set to zero to not source the Sa6 bit
Bit 1: Sa7 Bit Select (Sa7S). Set to one to source the Sa7 bit; set to zero to not source the Sa7 bit.
Bit 0: Sa8 Bit Select (Sa8S). Set to one to source the Sa8 bit; set to zero to not source the Sa8 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com