Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 188 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 188 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 184Page - Maxim Integrated Products DS26521 Datasheet HTML 185Page - Maxim Integrated Products DS26521 Datasheet HTML 186Page - Maxim Integrated Products DS26521 Datasheet HTML 187Page - Maxim Integrated Products DS26521 Datasheet HTML 188Page - Maxim Integrated Products DS26521 Datasheet HTML 189Page - Maxim Integrated Products DS26521 Datasheet HTML 190Page - Maxim Integrated Products DS26521 Datasheet HTML 191Page - Maxim Integrated Products DS26521 Datasheet HTML 192Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
188 of 258
Register Name:
TCR4 (T1 Mode Only)
Register Description:
Transmit Control Register 4
Register Address:
186h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
TRAIM
TAISM
TC1
TC0
Default
0
0
0
0
0
0
0
0
Bits 3: Transmit RAI Mode (TRAIM). Determines the pattern sent when TRAI (TCR1.0) is activated in ESF frame
mode only.
0 = transmit normal RAI upon activation with TCR1.0
1 = transmit RAI-CI (T1.403) upon activation with TCR1.0
Bits 2: Transmit AIS Mode (TAISM). Determines the pattern sent when TAIS (TCR1.1) is activated.
0 = transmit normal AIS (unframed all ones) upon activation with TCR1.1
1 = transmit AIS-CI (T1.403) upon activation with TCR1.1
Bits 1 and 0: Transmit Code Length Definition Bits (TC[1:0]).
TC1
TC0
LENGTH SELECTED
(BITS)
0
0
5
0
1
6 : 3
1
0
7
1
1
16 : 8 : 4 : 2 : 1
Register Name:
THFC
Register Description:
Transmit HDLC FIFO Control Register
Register Address:
187h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
TFLWM1
TFLWM2
Default
0
0
0
0
0
0
0
0
Bits 1 and 0: Transmit HDLC FIFO Low Watermark Select (TFLWM[1:2]).
TFLWM1
TFLWM2
TRANSMIT FIFO WATERMARK
(BYTES)
0
0
4
0
1
16
1
0
32
1
1
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com