Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 187 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 187 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 183Page - Maxim Integrated Products DS26521 Datasheet HTML 184Page - Maxim Integrated Products DS26521 Datasheet HTML 185Page - Maxim Integrated Products DS26521 Datasheet HTML 186Page - Maxim Integrated Products DS26521 Datasheet HTML 187Page - Maxim Integrated Products DS26521 Datasheet HTML 188Page - Maxim Integrated Products DS26521 Datasheet HTML 189Page - Maxim Integrated Products DS26521 Datasheet HTML 190Page - Maxim Integrated Products DS26521 Datasheet HTML 191Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
187 of 258
Register Name:
TESCR
Register Description:
Transmit Elastic Store Control Register
Register Address:
185h
Bit #
7
6
5
4
3
2
1
0
Name
TDATFMT
TGCLKEN
—
TSZS
TESALGN
TESR
TESMDM
TESE
Default
0
0
0
0
0
0
0
0
Note: Bits 7 and 6 are used for fractional backplane support. See Section 8.8.5.
Bit 7: Transmit Channel Data Format (TDATFMT).
0 = 64kbps (data contained in all 8 bits)
1 = 56kbps (data contained in 7 out of the 8 bits)
Bit 6: Transmit Gapped-Clock Enable (TGCLKEN).
0 = TCHCLK functions normally
1 = enable gapped bit clock output on TCHCLK
Bit 4: Transmit Slip Zone Select (TSZS). This bit determines the minimum distance allowed between the elastic
store read and write pointers before forcing a controlled slip. This bit is only applies during T1-to-E1 or E1-to-T1
conversion applications.
0 = force a slip at 9 bytes or less of separation (used for clustered blank channels)
1 = force a slip at 2 bytes or less of separation (used for distributed blank channels)
Bit 3: Transmit Elastic Store Align (TESALGN). Setting this bit from 0 to 1 will force the transmit elastic store’s
write/read pointers to a minimum separation of half a frame. No action will be taken if the pointer separation is
already greater or equal to half a frame. If pointer separation is less than half a frame, the command will be
executed and the data will be disrupted. Should be toggled after TSYSCLK has been applied and is stable. Must
be cleared and set again for a subsequent align.
Bit 2: Transmit Elastic Store Reset (TESR). Setting this bit from 0 to 1 will force the read pointer into the same
frame that the write pointer is exiting, minimizing the delay through the elastic store. If this command should place
the pointers within the slip zone (see bit 4), then an immediate slip will occur and the pointers will move back to
opposite frames. Should be toggled after TSYSCLK has been applied and is stable. Do not leave this bit set HIGH.
Bit 1: Transmit Elastic Store Minimum-Delay Mode (TESMDM).
0 = elastic stores operate at full two-frame depth
1 = elastic stores operate at 32-bit depth
Bit 0: Transmit Elastic Store Enable (TESE).
0 = elastic store is bypassed
1 = elastic store is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com