Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 190 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 190 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 186Page - Maxim Integrated Products DS26521 Datasheet HTML 187Page - Maxim Integrated Products DS26521 Datasheet HTML 188Page - Maxim Integrated Products DS26521 Datasheet HTML 189Page - Maxim Integrated Products DS26521 Datasheet HTML 190Page - Maxim Integrated Products DS26521 Datasheet HTML 191Page - Maxim Integrated Products DS26521 Datasheet HTML 192Page - Maxim Integrated Products DS26521 Datasheet HTML 193Page - Maxim Integrated Products DS26521 Datasheet HTML 194Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
190 of 258
Register Name:
TXPC
Register Description:
Transmit Expansion Port Control Register
Register Address:
18Ah
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
TBPDIR
TBPFUS
TBPEN
Default
0
0
0
0
0
0
0
0
Bit 2: Transmit BERT Port Direction Control (TBPDIR).
0 = Normal (line) operation. The transmit BERT port sources data into the transmit path.
1 = System (backplane) operation. The transmit BERT port sources data into the transmit path (RDATA).
In this mode the data out of the transmit BERT is muxed into the receive path at RDATA (the line side of
the elastic store).
Bit 1: Transmit BERT Port Framed/Unframed Select (TBPFUS).
0 = The transmit BERT will not clock data into the F-bit position (framed)
1 = The transmit BERT will clock data into the F-bit position (unframed)
Bit 0: Transmit BERT Port Enable (TBPEN).
0 = Transmit BERT port is not active
1 = Transmit BERT port is active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com