Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 193 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 193 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 189Page - Maxim Integrated Products DS26521 Datasheet HTML 190Page - Maxim Integrated Products DS26521 Datasheet HTML 191Page - Maxim Integrated Products DS26521 Datasheet HTML 192Page - Maxim Integrated Products DS26521 Datasheet HTML 193Page - Maxim Integrated Products DS26521 Datasheet HTML 194Page - Maxim Integrated Products DS26521 Datasheet HTML 195Page - Maxim Integrated Products DS26521 Datasheet HTML 196Page - Maxim Integrated Products DS26521 Datasheet HTML 197Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
193 of 258
Register Name:
TLS2
Register Description:
Transmit Latched Status Register 2 (HDLC)
Register Address:
191h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
TFDLE
TUDR
TMEND
TLWMS
TNFS
—
—
—
—
TUDR
TMEND
TLWMS
TNFS
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched and can create interrupts.
Bit 4: Transmit FDL Register Empty (TFDLE) (T1 Mode Only). Set when the TFDL register has shifted out all 8
bits. Useful if the user wants to manually use the TFDL register to send messages, instead of using the HDLC or
BOC controller circuits.
Bit 3: Transmit FIFO Underrun Event (TUDR). Set when the transmit FIFO empties out without having seen the
TMEND bit set. An abort is automatically sent.
Bit 2: Transmit Message End Event (TMEND). Set when the transmit HDLC controller has finished sending a
message.
Bit 1: Transmit FIFO Below Low Watermark Set Condition (TLWMS). Set when the transmit 64-byte FIFO
empties beyond the low watermark as defined by the transmit low watermark bit (TLWM), rising edge detect of
TLWM.
Bit 0: Transmit FIFO Not Full Set Condition (TNFS). Set when the transmit 64-byte FIFO has at least one empty
byte available for write. Rising edge detect of TNF. Indicates change of state from full to not full.
Register Name:
TLS3
Register Description:
Transmit Latched Status Register 3 (Synchronizer)
Register Address:
192h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
LOF
LOFD
Default
0
0
0
0
0
0
0
0
Note: Some bits in this register are latched and can create interrupts.
Bit 1: Loss of Frame (LOF). A real-time bit that indicates that the transmit synchronizer is searching for the sync
pattern in the incoming data stream.
Bit 0: Loss of Frame Synchronization Detect (LOFD). This latched bit is set when the transmit synchronizer is
searching for the sync pattern in the incoming data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com