Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 192 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 192 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 188Page - Maxim Integrated Products DS26521 Datasheet HTML 189Page - Maxim Integrated Products DS26521 Datasheet HTML 190Page - Maxim Integrated Products DS26521 Datasheet HTML 191Page - Maxim Integrated Products DS26521 Datasheet HTML 192Page - Maxim Integrated Products DS26521 Datasheet HTML 193Page - Maxim Integrated Products DS26521 Datasheet HTML 194Page - Maxim Integrated Products DS26521 Datasheet HTML 195Page - Maxim Integrated Products DS26521 Datasheet HTML 196Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
192 of 258
Register Name:
TLS1
Register Description:
Transmit Latched Status Register 1
Register Address:
190h
Bit #
7
6
5
4
3
2
1
0
Name
TESF
TESEM
TSLIP
TSLC96
TPDV
TMF
LOTCC
LOTC
TESF
TESEM
TSLIP
—
TAF
TMF
LOTCC
LOTC
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched and can cause interrupts.
Bit 7: Transmit Elastic Store Full Event (TESF). Set when the transmit elastic store buffer fills and a frame is
deleted.
Bit 6: Transmit Elastic Store Empty Event (TESEM). Set when the transmit elastic store buffer empties and a
frame is repeated.
Bit 5: Transmit Elastic Store Slip Occurrence Event (TSLIP). Set when the transmit elastic store has either
repeated or deleted a frame.
Bit 4: Transmit SLC-96 Multiframe Event (TSLC96) (T1 Mode Only). When enabled by TCR2.6, this bit will set
once per SLC-96 multiframe (72 frames) to alert the host that new data may be written to the T1TSLC1:T1TSLC3
registers. See Section 8.9.4.4 for more information.
Bit 3 (T1 Mode): Transmit Pulse Density Violation Event (TPDV). Set when the transmit data stream does not
meet the ANSI T1.403 requirements for pulse density.
Bit 3 (E1 Mode): Transmit Align Frame Event (TAF). Set every 250
μs to alert the host that the E1TAF and
E1TNAF registers need to be updated.
Bit 2: Transmit Multiframe Event (TMF). In T1 mode, this bit is set every 1.5ms on D4 MF boundaries or every
3ms on ESF MF boundaries. In E1 operation, this but is set every 2ms (regardless if CRC-4 is enabled) on transmit
multiframe boundaries. Used to alert the host that signaling data needs to be updated.
Bit 1: Loss of Transmit Clock Condition Clear (LOTCC). Set when the LOTC condition has cleared (a clock has
been sensed at the TCLK pin).
Bit 0: Loss of Transmit Clock Condition (LOTC). Set when the TCLK pin has not transitioned for approximately
3 clock periods. Will force the LOTC bit high if enabled. This bit can be cleared by the host even if the condition is
still present. LOTC will remain high while the condition exists, even if the host has cleared the status bit. If enabled
by TIM1.0, the
INTB pin will transition low when this bit is set, and transition high when this bit is cleared (if no other
unmasked interrupt conditions exist).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com