Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 194 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 194 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 190Page - Maxim Integrated Products DS26521 Datasheet HTML 191Page - Maxim Integrated Products DS26521 Datasheet HTML 192Page - Maxim Integrated Products DS26521 Datasheet HTML 193Page - Maxim Integrated Products DS26521 Datasheet HTML 194Page - Maxim Integrated Products DS26521 Datasheet HTML 195Page - Maxim Integrated Products DS26521 Datasheet HTML 196Page - Maxim Integrated Products DS26521 Datasheet HTML 197Page - Maxim Integrated Products DS26521 Datasheet HTML 198Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
194 of 258
Register Name:
TIIR
Register Description:
Transmit Interrupt Information Register
Register Address:
19Fh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
TLS3
TLS2
TLS1
Default
0
0
0
0
0
0
0
0
The Transmit Interrupt Information register provides an indication of which status registers are generating an
interrupt. When an interrupt occurs, the host can read TIIR to quickly identify which of the transmit status registers
are causing the interrupt(s). These are real-time registers in that the bits will clear once the appropriate interrupt
has been serviced and cleared.
Bit 2: Transmit Latched Status Register 3 Interrupt Status (TLS3).
0 = no interrupt pending
1 = interrupt pending
Bit 1: Transmit Latched Status Register 2 Interrupt Status (TLS2).
0 = no interrupt pending
1 = interrupt pending
Bit 0: Transmit Latched Status Register 1 Interrupt Status (TLS1).
0 = no interrupt pending
1 = interrupt pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com