Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 191 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 191 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 187Page - Maxim Integrated Products DS26521 Datasheet HTML 188Page - Maxim Integrated Products DS26521 Datasheet HTML 189Page - Maxim Integrated Products DS26521 Datasheet HTML 190Page - Maxim Integrated Products DS26521 Datasheet HTML 191Page - Maxim Integrated Products DS26521 Datasheet HTML 192Page - Maxim Integrated Products DS26521 Datasheet HTML 193Page - Maxim Integrated Products DS26521 Datasheet HTML 194Page - Maxim Integrated Products DS26521 Datasheet HTML 195Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
191 of 258
Register Name:
TBPBS
Register Description:
Transmit BERT Port Bit Suppress Register
Register Address:
18Bh
Bit #
7
6
5
4
3
2
1
0
Name
BPBSE8
BPBSE7
BPBSE6
BPBSE5
BPBSE4
BPBSE3
BPBSE2
BPBSE1
Default
0
0
0
0
0
0
0
0
Bit 7: Transmit Channel Bit 8 Suppress (BPBSE8). MSB of the channel. Set to one to stop this bit from being
used.
Bit 6: Transmit Channel Bit 7 Suppress (BPBSE7). Set to one to stop this bit from being used.
Bit 5: Transmit Channel Bit 6 Suppress (BPBSE6). Set to one to stop this bit from being used.
Bit 4: Transmit Channel Bit 5 Suppress (BPBSE5). Set to one to stop this bit from being used.
Bit 3: Transmit Channel Bit 4 Suppress (BPBSE4). Set to one to stop this bit from being used.
Bit 2: Transmit Channel Bit 3 Suppress (BPBSE3). Set to one to stop this bit from being used.
Bit 1: Transmit Channel Bit 2 Suppress (BPBSE2). Set to one to stop this bit from being used.
Bit 0: Transmit Channel Bit 1 Suppress (BPBSE1). LSB of the channel. Set to one to stop this bit from being
used.
Register Name:
TSYNCC
Register Description:
Transmit Synchronizer Control Register
Register Address:
18Eh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
TSEN
SYNCE
RESYNC
—
—
—
—
CRC4
TSEN
SYNCE
RESYNC
Default
0
0
0
0
0
0
0
0
Bit 3: CRC-4 Enable (CRC4) (E1 Mode Only).
0 = Do not search for the CRC-4 multiframe word
1 = Search for the CRC-4 multiframe word
Bit 2: Transmit Synchronizer Enable (TSEN).
0 = Transmit synchronizer disabled
1 = Transmit synchronizer enabled
Bit 1: Sync Enable (SYNCE).
0 = auto resync enabled
1 = auto resync disabled
Bit 0: Resynchronize (RESYNC). When toggled from low to high, a resynchronization of the transmit-side framer
is initiated. Must be cleared and set again for a subsequent resync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com