Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 198 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 198 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 194Page - Maxim Integrated Products DS26521 Datasheet HTML 195Page - Maxim Integrated Products DS26521 Datasheet HTML 196Page - Maxim Integrated Products DS26521 Datasheet HTML 197Page - Maxim Integrated Products DS26521 Datasheet HTML 198Page - Maxim Integrated Products DS26521 Datasheet HTML 199Page - Maxim Integrated Products DS26521 Datasheet HTML 200Page - Maxim Integrated Products DS26521 Datasheet HTML 201Page - Maxim Integrated Products DS26521 Datasheet HTML 202Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
198 of 258
Register Name:
TRTS2
Register Description:
Transmit Real-Time Status Register 2 (HDLC)
Register Address:
1B1h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
TEMPTY
TFULL
TLWM
TNF
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are real time.
Bit 3: Transmit FIFO Empty (TEMPTY). A real-time bit that is set high when the FIFO is empty.
Bit 2: Transmit FIFO Full (TFULL). A real-time bit that is set high when the FIFO is full.
Bit 1: Transmit FIFO Below Low Watermark Condition (TLWM). Set when the transmit 64-byte FIFO empties
beyond the low watermark as defined by the transmit low watermark bits (TLWM).
Bit 0: Transmit FIFO Not Full Condition (TNF). Set when the transmit 64-byte FIFO has at least one byte
available.
Register Name:
TFBA
Register Description:
Transmit HDLC FIFO Buffer Available
Register Address:
1B3h
Bit #
7
6
5
4
3
2
1
0
Name
—
TFBA6
TFBA5
TFBA4
TFBA3
TFBA2
TFBA1
TFBA0
Default
0
0
0
0
0
0
0
0
Bits 6 to 0: Transmit FIFO Bytes Available (TFBA[6:0]). TFBA0 is the LSB.
Register Name:
THF
Register Description:
Transmit HDLC FIFO Register
Register Address:
1B4h
Bit #
7
6
5
4
3
2
1
0
Name
THD7
THD6
THD5
THD4
THD3
THD2
THD1
THD0
Default
0
0
0
0
0
0
0
0
Bit 7: Transmit HDLC Data Bit 7 (THD7). MSB of an HDLC packet data byte.
Bit 6: Transmit HDLC Data Bit 6 (THD6).
Bit 5: Transmit HDLC Data Bit 5 (THD5).
Bit 4: Transmit HDLC Data Bit 4 (THD4).
Bit 3: Transmit HDLC Data Bit 3 (THD3).
Bit 2: Transmit HDLC Data Bit 2 (THD2).
Bit 1: Transmit HDLC Data Bit 1 (THD1).
Bit 0: Transmit HDLC Data Bit 0 (THD0). LSB of an HDLC packet data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com