Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 199 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 199 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 195Page - Maxim Integrated Products DS26521 Datasheet HTML 196Page - Maxim Integrated Products DS26521 Datasheet HTML 197Page - Maxim Integrated Products DS26521 Datasheet HTML 198Page - Maxim Integrated Products DS26521 Datasheet HTML 199Page - Maxim Integrated Products DS26521 Datasheet HTML 200Page - Maxim Integrated Products DS26521 Datasheet HTML 201Page - Maxim Integrated Products DS26521 Datasheet HTML 202Page - Maxim Integrated Products DS26521 Datasheet HTML 203Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
199 of 258
Register Name:
TDS0M
Register Description:
Transmit DS0 Monitor Register
Register Address:
1BBh
Bit #
7
6
5
4
3
2
1
0
Name
B1
B2
B3
B4
B5
B6
B7
B8
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Transmit DS0 Channel Bits (B[1:8]). Transmit channel data that has been selected by the Transmit
DS0 Channel Monitor Select register (TDS0SEL). B8 is the LSB of the DS0 channel (last bit to be transmitted).
Register Name:
TBCS1, TBCS2, TBCS3, TBCS4
Register Description:
Transmit Blank Channel Select Registers 1 to 4
Register Address:
1C0h, 1C1h, 1C2h, 1C3h
Bit #
(MSB) 7
6
5
4
3
2
1
0 (LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TBCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TBCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TBCS3
Name
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TBCS4
(E1 Mode
Only)
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Transmit Blank Channel Select for Channels 1 to 32 (CH[1:32]).
0 = transmit TSER data from this channel
1 = ignore TSER data from this channel
Note that when two or more sequential channels are chosen to be ignored, the receive slip zone select bit should
be set to zero. If the ignore channels are distributed (such as 1, 5, 9, 13, 17, 21, 25, 29), the RSZS bit can be set to
one, which may provide a lower occurrence of slips in certain applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com