Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 201 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 201 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 197Page - Maxim Integrated Products DS26521 Datasheet HTML 198Page - Maxim Integrated Products DS26521 Datasheet HTML 199Page - Maxim Integrated Products DS26521 Datasheet HTML 200Page - Maxim Integrated Products DS26521 Datasheet HTML 201Page - Maxim Integrated Products DS26521 Datasheet HTML 202Page - Maxim Integrated Products DS26521 Datasheet HTML 203Page - Maxim Integrated Products DS26521 Datasheet HTML 204Page - Maxim Integrated Products DS26521 Datasheet HTML 205Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
201 of 258
Register Name:
THSCS1, THSCS2, THSCS3, THSCS4
Register Description:
Transmit Hardware-Signaling Channel Select Registers 1 to 4
Register Address:
1C8h, 1C9h, 1CAh, 1CBh
Bit #
(MSB) 7
6
5
4
3
2
1
0 (LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
THSCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
THSCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
THSCS3
Name
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
THSCS4*
(E1 Mode
Only)
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Transmit Hardware-Signaling Channel Select for Channels 1 to 32 (CH[1:32]). These bits
determine which channels have signaling data inserted from the TSIG pin into the TSER PCM data.
0 = do not source signaling data from the TSIG pin for this channel
1 = source signaling data from the TSIG pin for this channel
*Note that THSCS4 is only used in 2.048MHz backplane applications.
Register Name:
TGCCS1, TGCCS2, TGCCS3, TGCCS4
Register Description:
Transmit Gapped-Clock Channel Select Registers 1 to 4
Register Address:
1CCh, 1CDh, 1CEh, 1CFh
Bit #
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TGCCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TGCCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TGCCS3
Name
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
(F-bit)
TGCCS4*
(E1 Mode
Only)
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Transmit Gapped-Clock Channel Select Channels 1 to 32 (CH[1:32]).
0 = no clock is present on TCHCLK during this channel time
1 = force a clock on TCHCLK during this channel time. The clock will be synchronous with TCLK if the
elastic store is disabled, and synchronous with TSYSCLK if the elastic store is enabled.
*Note that TGCCS4 has two functions:
When 2.048MHz backplane mode is selected, this register allows the user to enable the gapped clock on
TCHCLK for any of the 32 possible backplane channels.
When 1.544MHz backplane mode is selected, the LSB of this register determines whether or not a clock is
generated on TCHCLK during the F-bit time:
TGCCS4.0 = 0: Do not generate a clock during the F-bit
TGCCS4.0 = 1: Generate a clock during the F-bit
In this mode, TGCCS4.1 to TGCCS4.7 should be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com