Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 205 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 205 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 201Page - Maxim Integrated Products DS26521 Datasheet HTML 202Page - Maxim Integrated Products DS26521 Datasheet HTML 203Page - Maxim Integrated Products DS26521 Datasheet HTML 204Page - Maxim Integrated Products DS26521 Datasheet HTML 205Page - Maxim Integrated Products DS26521 Datasheet HTML 206Page - Maxim Integrated Products DS26521 Datasheet HTML 207Page - Maxim Integrated Products DS26521 Datasheet HTML 208Page - Maxim Integrated Products DS26521 Datasheet HTML 209Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
205 of 258
Register Name:
LMCR
Register Description:
LIU Maintenance Control Register
Register Address:
1002h
Bit #
7
6
5
4
3
2
1
0
Name
TAIS
ATAIS
LLB
ALB
RLB
TPDE
RPDE
TE
Default
0
0
0
0
0
0
0
0
Bit 7: Transmit AIS (TAIS). Alarm Indication Signal (AIS) is sent using MCLK as the reference clock. The transmit
data coming from the framer is ignored.
0 = TAIS is disabled.
1 = Output an unframed all-ones pattern (AIS) at TTIP and TRING.
Bit 6: Automatic Transmit AIS (ATAIS).
0 = ATAIS is disabled.
1 = Automatically transmit AIS on the occurrence of an LIU LOS.
Bit 5: Local Loopback (LLB). See Section 8.11.5.2 for operational details.
0 = LLB is disabled.
1 = LLB is enabled.
Bit 4: Analog Loopback (ALB). See Section 8.11.5.1 for operational details.
0 = ALB is disabled.
1 = ALB is enabled.
Bit 3: Remote Loopback (RLB). See Section 8.11.5.3 for operational details.
0 = Remote loopback is disabled.
1 = Remote loopback is enabled.
In this loopback, received data passes all the way through the receive LIU and is then transmitted back
through the transmit side of the LIU. Data will continue to pass through the receive-side framer of the
DS26521 as it would normally and the data from the transmit side of the framer will be ignored.
Bit 2: Transmit Power-Down Enable (TPDE).
0 = Transmitter power enabled.
1 = Transmitter powered down. TTIP/TRING outputs are high impedance.
Bit 1: Receiver Power-Down Enable (RPDE).
0 = Receiver power enabled.
1 = Receiver powered down.
Bit 0: Transmit Enable (TE). This function is overridden by the TXENABLE pin.
0 = TTIP/TRING outputs are high impedance.
1 = TTIP/TRING outputs enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com