Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 209 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 209 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 205Page - Maxim Integrated Products DS26521 Datasheet HTML 206Page - Maxim Integrated Products DS26521 Datasheet HTML 207Page - Maxim Integrated Products DS26521 Datasheet HTML 208Page - Maxim Integrated Products DS26521 Datasheet HTML 209Page - Maxim Integrated Products DS26521 Datasheet HTML 210Page - Maxim Integrated Products DS26521 Datasheet HTML 211Page - Maxim Integrated Products DS26521 Datasheet HTML 212Page - Maxim Integrated Products DS26521 Datasheet HTML 213Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
209 of 258
Register Name:
LRSL
Register Description:
LIU Receive Signal Level Register
Register Address:
1006h
Bit #
7
6
5
4
3
2
1
0
Name
RSL3
RSL2
RLS1
RLS0
—
—
—
—
Default
0
0
0
0
0
0
0
0
Bits 7 to 4: Receiver Signal Level 3 to 0 (RSL[3:0]). Real-time receive signal level as shown in Table 9-17. Note
that the range of signal levels reported the RSL[3:0] is limited by the Equalizer Gain Limit (EGL) in short-haul
applications.
Table 9-17. Receive Level Indication
RECEIVE LEVEL (dB)
RSL3
RSL2
RSL1
RSL0
T1
E1
0
0
0
0
> -2.5
> -2.5
0
0
0
1
-2.5 to -5
-2.5 to -5
0
0
1
0
-5 to -7.5
-5 to -7.5
0
0
1
1
-7.5 to -10
-7.5 to -10
0
1
0
0
-10 to -12.5
-10 to -12.5
0
1
0
1
-12.5 to -15
-12.5 to -15
0
1
1
0
-15 to -17.5
-15 to -17.5
0
1
1
1
-17.5 to -20
-17.5 to -20
1
0
0
0
-20 to -23
-20 to -23
1
0
0
1
-23 to -26
-23 to -26
1
0
1
0
-26 to -29
-26 to -29
1
0
1
1
-29 to -32
-29 to -32
1
1
0
0
-32 to -36
-32 to -36
1
1
0
1
< -36
-36 to -40
1
1
1
0
—
-40 to -44
1
1
1
1
—
< -44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com