Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 210 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 210 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 206Page - Maxim Integrated Products DS26521 Datasheet HTML 207Page - Maxim Integrated Products DS26521 Datasheet HTML 208Page - Maxim Integrated Products DS26521 Datasheet HTML 209Page - Maxim Integrated Products DS26521 Datasheet HTML 210Page - Maxim Integrated Products DS26521 Datasheet HTML 211Page - Maxim Integrated Products DS26521 Datasheet HTML 212Page - Maxim Integrated Products DS26521 Datasheet HTML 213Page - Maxim Integrated Products DS26521 Datasheet HTML 214Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
210 of 258
Register Name:
LRISMR
Register Description:
LIU Receive Impedance and Sensitivity Monitor Register
Register Address:
1007h
Bit #
7
6
5
4
3
2
1
0
Name
RG703
RIMPOFF
RIMPM1
RIMPM0
RTR
RMONEN
RSMS1
RSMS0
Default
0
0
0
0
0
0
0
0
Bit 7: Receive G.703 Clock Enable (RG703). If this bit is set, the receiver expects a 2.048MHz or 1.544MHz
clock from the RTIP/RRING, based on the selection of T1 (1.544) or E1 (2.048) mode in the LTRCR register.
Bit 6: Receive Impedance Termination Off (RIMPOFF).
0 = Receive terminating impedance match is enabled.
1 = Receive terminating impedance match is disabled.
Bits 5 and 4: Receive Impedance Match 1 and 0 (RIMPM[1:0]).These bits are used to select the receive
impedance match value. These must be set according to the cable impedance. Even if the internal receive match
impedance is turned off (RIMPOFF); the external cable impedance must be specified for optimum operation by
RIMPM1 to 0. See Table 9-18.
Bit 3: Receiver Turns Ratio (RTR).
0 = Receive transformer turns ratio is 1:1.
1 = Receive transformer turns ratio is 2:1. This option should only be used in short-haul applications.
Bit 2: Receiver Monitor Mode Enable (RMONEN).
0 = Disable receive monitor mode.
1 = Enable receive monitor mode. Resistive gain is added with the maximum sensitivity. The receiver
sensitivity is determined by RSMS1 and RSMS0.
Bits 1 and 0: Receiver Sensitivity/Monitor Gain Select 1 and 0 (RSMS[1:0]). These bits are used to select the
receiver sensitivity level and additional gain in monitoring applications. The monitor mode (RMONEN) adds
resistive gain to compensate for the signal loss caused by the isolation resistors. See Table 9-19 and Table 9-20.
Table 9-18. Receive Impedance Selection
RIMPM[1:0]
RECEIVE IMPEDANCE
SELECTED (
Ω)
00
75
01
100
10
110
11
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com