Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 212 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 212 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 208Page - Maxim Integrated Products DS26521 Datasheet HTML 209Page - Maxim Integrated Products DS26521 Datasheet HTML 210Page - Maxim Integrated Products DS26521 Datasheet HTML 211Page - Maxim Integrated Products DS26521 Datasheet HTML 212Page - Maxim Integrated Products DS26521 Datasheet HTML 213Page - Maxim Integrated Products DS26521 Datasheet HTML 214Page - Maxim Integrated Products DS26521 Datasheet HTML 215Page - Maxim Integrated Products DS26521 Datasheet HTML 216Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
212 of 258
9.6
BERT Register Definitions
Table 9-21. BERT Register Set
ADDR
NAME
DESCRIPTION
R/W
1100h
BAWC
BERT Alternating Word Count Rate Register
R
1101h
BRP1
BERT Repetitive Pattern Set Register 1
R/W
1102h
BRP2
BERT Repetitive Pattern Set Register 2
R/W
1103h
BRP3
BERT Repetitive Pattern Set Register 3
R/W
1104h
BRP4
BERT Repetitive Pattern Set Register 4
R/W
1105h
BC1
BERT Control Register 1
R/W
1106h
BC2
BERT Control Register 2
R/W
1107h
BBC1
BERT Bit Count Register 1
R
1108h
BBC2
BERT Bit Count Register 2
R
1109h
BBC3
BERT Bit Count Register 3
R
110Ah
BBC4
BERT Bit Count Register 4
R
110Bh
BEC1
BERT Error Count Register 1
R
110Ch
BEC2
BERT Error Count Register 2
R
110Dh
BEC3
BERT Error Count Register 3
R
110Eh
BLSR
BERT Latched Status Register
R
110Fh
BSIM
BERT Status Interrupt Mask Register
R/W
Register Name:
BAWC
Register Description:
BERT Alternating Word Count Rate Register
Register Address:
1100h
Bit #
7
6
5
4
3
2
1
0
Name
ACNT7
ACNT6
ACNT5
ACNT4
ACNT3
ACNT2
ACNT1
ACNT0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Alternating Word Count Rate Bits 7 to 0 (ACNT[7:0]). When the BERT is programmed in the
alternating word mode, the words will repeat for the count loaded into this register, then flip to the other word and
again repeat for the number of times loaded into this register. ACNT0 is the LSB of the 8-bit alternating word count
rate counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com