Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 214 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 214 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 210Page - Maxim Integrated Products DS26521 Datasheet HTML 211Page - Maxim Integrated Products DS26521 Datasheet HTML 212Page - Maxim Integrated Products DS26521 Datasheet HTML 213Page - Maxim Integrated Products DS26521 Datasheet HTML 214Page - Maxim Integrated Products DS26521 Datasheet HTML 215Page - Maxim Integrated Products DS26521 Datasheet HTML 216Page - Maxim Integrated Products DS26521 Datasheet HTML 217Page - Maxim Integrated Products DS26521 Datasheet HTML 218Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
214 of 258
Register Name:
BC1
Register Description:
BERT Control Register 1
Register Address:
1105h
Bit #
7
6
5
4
3
2
1
0
Name
TC
TINV
RINV
PS2
PS1
PS0
LC
RESYNC
Default
0
0
0
0
0
0
0
0
Bit 7: Transmit Pattern Load (TC). A low-to-high transition loads the pattern generator with the pattern that is to
be generated. This bit should be toggled from low to high whenever the host wishes to load a new pattern. Must be
cleared and set again for subsequent loads.
Bit 6:Transmit Invert Data Enable (TINV).
0 = do not invert the outgoing data stream
1 = invert the outgoing data stream
Bit 5:Receive Invert Data Enable (RINV).
0 = do not invert the incoming data stream
1 = invert the incoming data stream
Bits 4 to 2: Pattern Select Bits 2 to 0 (PS[2:0]). These bits select data pattern used by the transmit and receive
circuits. See Table 9-22.
Table 9-22. BERT Pattern Select
PS2
PS1
PS0
PATTERN DEFINITION
0
0
0
Pseudorandom 2E7-1
0
0
1
Pseudorandom 2E11-1
0
1
0
Pseudorandom 2E15-1
0
1
1
Pseudorandom Pattern QRSS. A 2
20 - 1 pattern with 14 consecutive zero restriction.
1
0
0
Repetitive Pattern
1
0
1
Alternating Word Pattern
1
1
0
Modified 55 Octet (Daly) Pattern. The Daly pattern is a repeating 55 octet pattern that is
byte-aligned into the active DS0 time slots. The pattern is defined in an ATIS (Alliance
for Telecommunications Industry Solutions) Committee T1 Technical Report Number 25
(November 1993).
1
1
1
Pseudorandom 2E-9-1
Bit 1: Load Bit and Error Counter (LC). A low-to-high transition latches the current bit and error counts into the
registers BBC1, BBC2, BBC3, BBC4 and BEC1, BEC2, and BEC3, and clears the internal count. This bit should be
toggled from low to high whenever the host wishes to begin a new acquisition period. Must be cleared and set
again for subsequent loads.
Bit 0: Force Resynchronization (RESYNC). A low-to-high transition forces the receive BERT synchronizer to
resynchronize to the incoming data stream. This bit should be toggled from low to high whenever the host wishes
to acquire synchronization on a new pattern. Must be cleared and set again for a subsequent resynchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com