Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 215 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 215 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 211Page - Maxim Integrated Products DS26521 Datasheet HTML 212Page - Maxim Integrated Products DS26521 Datasheet HTML 213Page - Maxim Integrated Products DS26521 Datasheet HTML 214Page - Maxim Integrated Products DS26521 Datasheet HTML 215Page - Maxim Integrated Products DS26521 Datasheet HTML 216Page - Maxim Integrated Products DS26521 Datasheet HTML 217Page - Maxim Integrated Products DS26521 Datasheet HTML 218Page - Maxim Integrated Products DS26521 Datasheet HTML 219Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
215 of 258
Register Name:
BC2
Register Description:
BERT Control Register 2
Register Address:
1106h
Bit #
7
6
5
4
3
2
1
0
Name
EIB2
EIB1
EIB0
SBE
RPL3
RPL2
RPL1
RPL0
Default
0
0
0
0
0
0
0
0
Bits 7 to 5: Error Insert Bits 2 to 0 (EIB[2:0]). Will automatically insert bit errors at the prescribed rate into the
generated data pattern. Can be used for verifying error detection features. See Table 9-23.
Table 9-23. BERT Error Insertion Rate
EIB2
EIB1
EIB0
ERROR RATE INSERTED
0
0
0
No errors automatically inserted
0
0
1
10E-1
0
1
0
10E-2
0
1
1
10E-3
1
0
0
10E-4
1
0
1
10E-5
1
1
0
10E-6
1
1
1
10E-7
Bit 4: Single Bit Error Insert (SBE). A low-to-high transition will create a single bit error. Must be cleared and set
again for a subsequent bit error to be inserted.
Bits 3 to 0: Repetitive Pattern Length Select 3 to 0 (RPL[3:0]). RPL0 is the LSB and RPL3 is the MSB of a
nibble that describes how long the repetitive pattern is. The valid range is 17 (0000) to 32 (1111). These bits are
ignored if the receive BERT is programmed for a pseudorandom pattern. To create repetitive patterns fewer than
17 bits in length, the user must set the length to an integer number of the desired length that is less than or equal
to 32. For example, to create a 6-bit pattern, the user can set the length to 18 (0001) or to 24 (0111) or to 30
(1101). See Table 9-24.
Table 9-24. BERT Repetitive Pattern Length Select
LENGTH
(BITS)
RPL3
RPL2
RPL1
RPL0
17
0
0
0
0
18
0
0
0
1
19
0
0
1
0
20
0
0
1
1
21
0
1
0
0
22
0
1
0
1
23
0
1
1
0
24
0
1
1
1
25
1
0
0
0
26
1
0
0
1
27
1
0
1
0
28
1
0
1
1
29
1
1
0
0
30
1
1
0
1
31
1
1
1
0
32
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com