Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 216 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 216 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 212Page - Maxim Integrated Products DS26521 Datasheet HTML 213Page - Maxim Integrated Products DS26521 Datasheet HTML 214Page - Maxim Integrated Products DS26521 Datasheet HTML 215Page - Maxim Integrated Products DS26521 Datasheet HTML 216Page - Maxim Integrated Products DS26521 Datasheet HTML 217Page - Maxim Integrated Products DS26521 Datasheet HTML 218Page - Maxim Integrated Products DS26521 Datasheet HTML 219Page - Maxim Integrated Products DS26521 Datasheet HTML 220Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
216 of 258
Register Name:
BBC1
Register Description:
BERT Bit Count Register 1
Register Address:
1107h
Bit #
7
6
5
4
3
2
1
0
Name
BBC7
BBC6
BBC5
BBC4
BBC3
BBC2
BBC1
BBC0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: BERT Bit Counter Bits 7 to 0 (BBC[7:0]). BBC0 is the LSB of the 32-bit counter.
Register Name:
BBC2
Register Description:
BERT Bit Count Register 2
Register Address:
1108h
Bit #
7
6
5
4
3
2
1
0
Name
BBC15
BBC14
BBC13
BBC12
BBC11
BBC10
BBC9
BBC8
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: BERT Bit Counter Bits 15 to 8 (BBC[15:8]).
Register Name:
BBC3
Register Description:
BERT Bit Count Register 3
Register Address:
1109h
Bit #
7
6
5
4
3
2
1
0
Name
BBC23
BBC22
BBC21
BBC20
BBC19
BBC18
BBC17
BBC16
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: BERT Bit Counter Bits 23 to 16 (BBC[23:16]).
Register Name:
BBC4
Register Description:
BERT Bit Count Register 4
Register Address:
110Ah
Bit #
7
6
5
4
3
2
1
0
Name
BBC31
BBC30
BBC29
BBC28
BBC27
BBC26
BBC25
BBC24
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: BERT Bit Counter Bits 31 to 24 (BBC[31:24]). BBC31 is the MSB of the 32-bit counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com