Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 206 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 206 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 202Page - Maxim Integrated Products DS26521 Datasheet HTML 203Page - Maxim Integrated Products DS26521 Datasheet HTML 204Page - Maxim Integrated Products DS26521 Datasheet HTML 205Page - Maxim Integrated Products DS26521 Datasheet HTML 206Page - Maxim Integrated Products DS26521 Datasheet HTML 207Page - Maxim Integrated Products DS26521 Datasheet HTML 208Page - Maxim Integrated Products DS26521 Datasheet HTML 209Page - Maxim Integrated Products DS26521 Datasheet HTML 210Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
206 of 258
Register Name:
LRSR
Register Description:
LIU Real Status Register
Register Address:
1003h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
OEQ
UEQ
—
SCS
OCS
LOSS
Default
0
0
0
0
0
0
0
0
Bit 5: Over Equalized (OEQ). The equalizer is over equalized. This can happen if there is very large unexpected
resistive loss. This could result if monitor mode is used and the device is not placed in monitor mode. This indicator
provides more qualitative information to the receive loss indicators.
Bit 4: Under Equalized (UEQ). The equalizer is under equalized. A signal with a very high resistive gain is being
applied. This indicator provides more qualitative information to the receive loss indicators.
Bit 2: Short-Circuit Status (SCS). A real-time bit that is set when the LIU detects that the TTIP and TRING
outputs are short-circuited. The load resistance must be 25
Ω (typically) or less for short-circuit detection.
Bit 1: Open-Circuit Status (OCS). A real-time bit that is set when the LIU detects that the TTIP and TRING
outputs are open-circuited.
Bit 0: Loss-of-Signal Status (LOSS). A real-time bit that is set when the LIU detects a LOS condition at RTIP and
RRING.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com