Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 186 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 186 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 182Page - Maxim Integrated Products DS26521 Datasheet HTML 183Page - Maxim Integrated Products DS26521 Datasheet HTML 184Page - Maxim Integrated Products DS26521 Datasheet HTML 185Page - Maxim Integrated Products DS26521 Datasheet HTML 186Page - Maxim Integrated Products DS26521 Datasheet HTML 187Page - Maxim Integrated Products DS26521 Datasheet HTML 188Page - Maxim Integrated Products DS26521 Datasheet HTML 189Page - Maxim Integrated Products DS26521 Datasheet HTML 190Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
186 of 258
Register Name:
TIOCR
Register Description:
Transmit I/O Configuration Register
Register Address:
184h
Bit #
7
6
5
4
3
2
1
0
Name
TCLKINV
TSYNCINV
TSSYNCINV
TSCLKM
TSSM
TSIO
TSDW
TSM
TCLKINV
TSYNCINV
TSSYNCINV
TSCLKM
TSSM
TSIO
—
TSM
Default
0
0
0
0
0
0
0
0
Bit 7: TCLK Invert (TCLKINV).
0 = No inversion
1 = Invert
Bit 6: TSYNC Invert (TSYNCINV).
0 = No inversion
1 = Invert
Bit 5: TSSYNCIO Invert (TSSYNCINV) (Input Mode Only).
0 = No inversion
1 = Invert
Bit 4: TSYSCLK Mode Select (TSCLKM).
0 = if TSYSCLK is 1.544MHz
1 = if TSYSCLK is 2.048/4.096/8.192MHz or IBO enabled (see Section 8.8.2 for details on IBO function)
Bit 3: TSSYNCIO Mode Select (TSSM). Selects frame or multiframe mode for the TSSYNCIO pin.
0 = frame mode
1 = multiframe mode
Bit 2: TSYNC I/O Select (TSIO).
0 = TSYNC is an input
1 = TSYNC is an output
Bit 1: TSYNC Double-Wide (TSDW) (T1 Mode Only). (Note: This bit must be set to zero when TSM = 1 or when
TSIO = 0.)
0 = do not pulse double-wide in signaling frames
1 = do pulse double-wide in signaling frames
Bit 0: TSYNC Mode Select (TSM). Selects frame or multiframe mode for the TSYNC pin.
0 = frame mode
1 = multiframe mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com