Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 185 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 185 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 181Page - Maxim Integrated Products DS26521 Datasheet HTML 182Page - Maxim Integrated Products DS26521 Datasheet HTML 183Page - Maxim Integrated Products DS26521 Datasheet HTML 184Page - Maxim Integrated Products DS26521 Datasheet HTML 185Page - Maxim Integrated Products DS26521 Datasheet HTML 186Page - Maxim Integrated Products DS26521 Datasheet HTML 187Page - Maxim Integrated Products DS26521 Datasheet HTML 188Page - Maxim Integrated Products DS26521 Datasheet HTML 189Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
185 of 258
Register Name:
TCR3
Register Description:
Transmit Control Register 3
Register Address:
183h
Bit #
7
6
5
4
3
2
1
0
Name
ODF
ODM
TCSS1
TCSS0
MFRS
TFM
IBPV
TLOOP
ODF
ODM
TCSS1
TCSS0
MFRS
—
IBPV
CRC4R
Default
0
0
0
0
0
0
0
0
Bit 7: Output Data Format (ODF).
0 = bipolar data at TTIP and TRING
1 = NRZ data at TTIP; TRING = 0
Bit 6: Output Data Mode (ODM).
0 = pulses at TTIP and TRING are one full TCLK period wide
1 = pulses at TTIP and TRING are one-half TCLK period wide
Bits 5 and 4: Transmit Clock Source Select 1 and 0 (TCSS[1:0]).
TCSS1
TCSS0
TRANSMIT CLOCK SOURCE
0
0
The TCLK pin is always the source of transmit clock.
0
1
Switch to the clock present at RCLK when the signal at the TCLK pin fails to transition after
one channel time.
1
0
Reserved
1
1
Use the signal present at RCLK as the transmit clock. The TCLK pin is ignored.
Bit 3: Multiframe Reference Select (MFRS). This bit selects the source for the transmit formatter multiframe
boundary.
0 = Normal operation. Transmit multiframe boundary is determined by line-side counters referenced to
TSYNC when TSYNC is an input. Free-running when TSYNC is an output.
1 = Pass-forward operation. Transmit multiframe boundary determined by system-side counters referenced
to TSSYNCIO (input mode 3), which is then passed forward to the line-side clock domain. This mode can
only be used when the transmit elastic store is enabled with a synchronous backplane (i.e., no frame slips
allowed). This mode must be used to allow transmit hardware-signaling insertion while the transmit elastic
store is enabled.
Bit 2: Transmit Frame Mode Select (TFM) (T1 Mode Only).
0 = ESF framing mode
1 = D4 framing mode
Bit 1: Insert BPV (IBPV). A 0-to-1 transition on this bit will cause a single bipolar violation (BPV) to be inserted into
the transmit data stream. Once this bit has been toggled from 0 to 1, the device waits for the next occurrence of
three consecutive ones to insert the BPV. This bit must be cleared and set again for a subsequent error to be
inserted.
Bit 0 (T1 Mode): Transmit Loop Code Enable (TLOOP). See Section 8.9.15 for details.
0 = transmit data normally
1 = replace normal transmitted data with repeating code as defined in registers T1TCD1 and T1TCD2
Bit 0 (E1 Mode): CRC-4 Recalculate (CRC4R).
0 = transmit CRC-4 generation and insertion operates in normal mode
1 = transmit CRC-4 generation operates according to G.706 Intermediate Path Recalculation method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com