Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 180 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 180 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 176Page - Maxim Integrated Products DS26521 Datasheet HTML 177Page - Maxim Integrated Products DS26521 Datasheet HTML 178Page - Maxim Integrated Products DS26521 Datasheet HTML 179Page - Maxim Integrated Products DS26521 Datasheet HTML 180Page - Maxim Integrated Products DS26521 Datasheet HTML 181Page - Maxim Integrated Products DS26521 Datasheet HTML 182Page - Maxim Integrated Products DS26521 Datasheet HTML 183Page - Maxim Integrated Products DS26521 Datasheet HTML 184Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
180 of 258
Register Name:
TMMR
Register Description:
Transmit Master Mode Register
Register Address:
180h
Bit #
7
6
5
4
3
2
1
0
Name
FRM_EN
INIT_DONE
—
—
—
—
SFTRST
T1/E1
Default
0
0
0
0
0
0
0
0
Bit 7: Framer Enable (FRM_EN). This bit must be set to the desired state before writing INIT_DONE.
0 = Framer disabled—held in low-power state
1 = Framer enabled—all features active
Bit 6: Initialization Done (INIT_DONE). The user must set this bit once he has written the configuration registers.
The host is required to write or clear all device registers prior to setting this bit. Once INIT_DONE is set, the
DS26521 will check the FRM_EN bit and, if enabled will begin operation based on the initial configuration.
Bit 1: Soft Reset (SFTRST). Level sensitive-soft reset. Should be taken high then low to reset the transceiver.
0 = Normal operation
1 = Reset the transceiver
Bit 0: Transmitter T1/E1 Mode Select (T1/E1). Sets operating mode for transmitter only! This bit must be written
with the desired value prior to setting INIT_DONE.
0 = T1 operation
1 = E1 operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com