Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 163 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 163 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 159Page - Maxim Integrated Products DS26521 Datasheet HTML 160Page - Maxim Integrated Products DS26521 Datasheet HTML 161Page - Maxim Integrated Products DS26521 Datasheet HTML 162Page - Maxim Integrated Products DS26521 Datasheet HTML 163Page - Maxim Integrated Products DS26521 Datasheet HTML 164Page - Maxim Integrated Products DS26521 Datasheet HTML 165Page - Maxim Integrated Products DS26521 Datasheet HTML 166Page - Maxim Integrated Products DS26521 Datasheet HTML 167Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
163 of 258
Register Name:
RRTS5
Register Description:
Receive Real-Time Status Register 5 (HDLC)
Register Address:
0B4h
Bit #
7
6
5
4
3
2
1
0
Name
—
PS2
PS1
PS0
—
—
RHWM
RNE
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are real time.
Bits 6 to 4: Receive Packet Status (PS[2:0]). These are real-time bits indicating the status as of the last read of
the receive FIFO.
PS2
PS1
PS0
PACKET STATUS
0
0
0
In Progress: End of message has not yet been reached.
0
0
1
Packet OK: Packet ended with correct CRC codeword.
0
1
0
CRC Error: A closing flag was detected, preceded by a corrupt CRC codeword.
0
1
1
Abort: Packet ended because an abort signal was detected (7 or more ones in a row).
1
0
0
Overrun: HDLC controller terminated reception of packet because receive FIFO is full.
Bit 1: Receive FIFO Above High Watermark Condition (RHWM). Set when the receive 64-byte FIFO fills beyond
the high watermark as defined by the Receive HDLC FIFO Control register (RHFC). This is a real-time bit.
Bit 0: Receive FIFO Not Empty Condition (RNE). Set when the receive 64-byte FIFO has at least one byte
available for a read. This is a real-time bit.
Register Name:
RHPBA
Register Description:
Receive HDLC Packet Bytes Available Register
Register Address:
0B5h
Bit #
7
6
5
4
3
2
1
0
Name
MS
RPBA6
RPBA5
RPBA4
RPBA3
RPBA2
RPBA1
RPBA0
Default
0
0
0
0
0
0
0
0
Bit 7: Message Status (MS).
0 = Bytes indicated by RPBA[6:0] are the end of a message. Host must check the HDLC status register for
details.
1 = Bytes indicated by RPBA[6:0] are the beginning or continuation of a message. The host does not need
to check the HDLC status. The MS bit returns to a value of 1 when the Rx HDLC FIFO is empty.
Bits 6 to 0: Receive FIFO Packet Bytes Available Count (RPBA[6:0]). RPBA0 is the LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com