Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 233 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 233 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 229Page - National Semiconductor (TI) GX1 Datasheet HTML 230Page - National Semiconductor (TI) GX1 Datasheet HTML 231Page - National Semiconductor (TI) GX1 Datasheet HTML 232Page - National Semiconductor (TI) GX1 Datasheet HTML 233Page - National Semiconductor (TI) GX1 Datasheet HTML 234Page - National Semiconductor (TI) GX1 Datasheet HTML 235Page - National Semiconductor (TI) GX1 Datasheet HTML 236Page - National Semiconductor (TI) GX1 Datasheet HTML 237Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 247 page
background image
Revision 1.0
233
www.national.com
Instruction Set (Continued)
Instruction Issues for Instruction Set Summary
Issues a through c apply to real address mode only:
a.
This is a protected mode instruction. Attempted execu-
tion in real mode will result in exception 6 (invalid
opcode).
b.
Exception 13 fault (general protection) will occur in real
mode if an operand reference is made that partially or
fully extends beyond the maximum CS, DS, ES, FS, or
GS segment limit (FFFFH). Exception 12 fault (stack
segment limit violation or not present) will occur in real
mode if an operand reference is made that partially or
fully extends beyond the maximum SS limit.
c.
This instruction may be executed in real mode. In real
mode, its purpose is primarily to initialize the CPU for
protected mode.
d. -
Issues e through g apply to real address mode and pro-
tected virtual address mode:
e.
An exception may occur, depending on the value of the
operand.
f.
LOCK# is automatically asserted, regardless of the
presence or absence of the LOCK prefix.
g.
LOCK# is asserted during descriptor table accesses.
Issues h through r apply to protected virtual address mode
only:
h.
Exception 13 fault will occur if the memory operand in
CS, DS, ES, FS, or GS cannot be used due to either a
segment limit violation or an access rights violation. If
a stack limit is violated, an exception 12 occurs.
i.
For segment load operations, the CPL, RPL, and DPL
must agree with the privilege rules to avoid an excep-
tion 13 fault. The segment’s descriptor must indicate
“present” or exception 11 (CS, DS, ES, FS, GS not
present). If the SS register is loaded and a stack
segment not present is detected, an exception 12
occurs.
j.
All segment descriptor accesses in the GDT or LDT
made by this instruction will automatically assert
LOCK# to maintain descriptor integrity in multipro-
cessor systems.
k.
JMP, CALL, INT, RET, and IRET instructions referring
to another code segment will cause an exception 13, if
an applicable privilege rule is violated.
l.
An exception 13 fault occurs if CPL is greater than 0 (0
is the most privileged level).
m. An exception 13 fault occurs if CPL is greater than
IOPL.
n.
The IF bit of the Flags register is not updated if CPL is
greater than IOPL. The IOPL and VM fields of the
Flags register are updated only if CPL = 0.
o.
The PE bit of the MSW (CR0) cannot be reset by this
instruction. Use MOV into CR0 if desiring to reset the
PE bit.
p.
Any violation of privilege rules as apply to the selector
operand does not cause a Protection exception,
rather, the zero flag is cleared.
q.
If the processor’s memory operand violates a segment
limit or segment access rights, an exception 13 fault
will occur before the ESC instruction is executed. An
exception 12 fault will occur if the stack limit is violated
by the operand’s starting address.
r.
ThedestinationofaJMP, CALL,INT,RET,orIRET
must be in the defined limit of a code segment or an
exception 13 fault will occur.
Issue s applies to National Semiconductor-specific SMM
instructions:
s.
All memory accesses to SMM space are non-cache-
able. An invalid opcode exception 6 occurs unless SMI
is enabled and SMAR size > 0, and CPL = 0 and
[SMAC is set or if in an SMI handler].
Issue t applies to cache invalidation instruction with the
cache operating in write-back mode:
t.
The total clock count is the clock count shown plus the
number of clocks required to write all “modified” cache
lines to external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com