Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 229 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 229 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 225Page - National Semiconductor (TI) GX1 Datasheet HTML 226Page - National Semiconductor (TI) GX1 Datasheet HTML 227Page - National Semiconductor (TI) GX1 Datasheet HTML 228Page - National Semiconductor (TI) GX1 Datasheet HTML 229Page - National Semiconductor (TI) GX1 Datasheet HTML 230Page - National Semiconductor (TI) GX1 Datasheet HTML 231Page - National Semiconductor (TI) GX1 Datasheet HTML 232Page - National Semiconductor (TI) GX1 Datasheet HTML 233Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 247 page
background image
Revision 1.0
229
www.national.com
Instruction Set (Continued)
NOP No Operation
90
---------
1
1
NOT Boolean Complement
F [011w] [mod 010 r/m]
---------
1
1
b
h
OIO Official Invalid Opcode
0F FF
--x
0
-----
1
8-125
OR Boolean OR
Register to Register
0 [10dw] [11 reg r/m]
0
-
-
-
x
x
u
x
0
1
1
b
h
Register to Memory
0 [100w] [mod reg r/m]
1
1
Memory to Register
0 [101w] [mod reg r/m]
1
1
Immediate to Register/Memory
8 [00sw] [mod 001 r/m] ###
1
1
Immediate to Accumulator
0 [110w] ###
1
1
OUT Output to Port
Fixed Port
E [011w] #
---------
14
14/28
m
Variable Port
E [111w]
14
14/28
OUTS Output String
6 [111w]
---------
15
15/29
b
h,m
POP Pop Value off Stack
Register/Memory
8F [mod 000 r/m]
---------
1/4
1/4
b
h,i,j
Register (short form)
5 [1 reg]
1
1
Segment Register (ES, SS, DS)
[000 sreg2 111]
1
6
Segment Register (FS, GS)
0F [10 sreg3 001]
1
6
POPA Pop All General Registers
61
---------
9
9
b
h
POPF Pop Stack into FLAGS
9D
xxxxxxxxx
8
8
b
h,n
PREFIX BYTES
Assert Hardware LOCK Prefix
F0
---------
m
Address Size Prefix
67
Operand Size Prefix
66
Segment Override Prefix
-CS
-DS
-ES
-FS
-GS
-SS
2E
3E
26
64
65
36
PUSH Push Value onto Stack
Register/Memory
FF [mod 110 r/m]
---------
1/3
1/3
b
h
Register (short form)
5 [0 reg]
1
1
Segment Register (ES, CS, SS, DS)
[000 sreg2 110]
1
1
Segment Register (FS, GS)
0F [10 sreg3 000]
1
1
Immediate
6 [10s0] ###
1
1
PUSHA Push All General Registers
60
---------
11
11
b
h
PUSHF Push FLAGS Register
9C
---------
2
2
b
h
RCL Rotate Through Carry Left
Register/Memory by 1
D [000w] [mod 010 r/m]
x
-------x
3
3
b
h
Register/Memory by CL
D [001w] [mod 010 r/m]
u
-------x
8
8
Register/Memory by Immediate
C [000w] [mod 010 r/m] #
u
-------x
8
8
RCR Rotate Through Carry Right
Register/Memory by 1
D [000w] [mod 011 r/m]
x
-------x
4
4
b
h
Register/Memory by CL
D [001w] [mod 011 r/m]
u
-------x
8
8
Register/Memory by Immediate
C [000w] [mod 011 r/m] #
u
-------x
8
8
RDMSR Read Tmodel Specific Register
0F 32
---------
RDTSC Read Time Stamp Counter
0F 31
---------
REP INS Input String
F3 6[110w]
---------
17+4n
17+4n\
32+4n
bh,m
REP LODS Load String
F3 A[110w]
---------
9+2n
9+2n
b
h
REP MOVS Move String
F3 A[010w]
---------
12+2n
12+2n
b
h
REP OUTS Output String
F3 6[111w]
---------
24+4n
24+4n\
39+4n
bh,m
REP STOS Store String
F3 A[101w]
---------
9+2n
9+2n
b
h
Table 8-27. Processor Core Instruction Set Summary (Continued)
Instruction
Opcode
Flags
Real
Mode
Prot’d
Mode
Real
Mode
Prot’d
Mode
OD I
T
S Z
A P C
FFFFFFFFF
Clock Count
(Reg/Cache Hit)
Issues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com