Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 227 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 227 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 223Page - National Semiconductor (TI) GX1 Datasheet HTML 224Page - National Semiconductor (TI) GX1 Datasheet HTML 225Page - National Semiconductor (TI) GX1 Datasheet HTML 226Page - National Semiconductor (TI) GX1 Datasheet HTML 227Page - National Semiconductor (TI) GX1 Datasheet HTML 228Page - National Semiconductor (TI) GX1 Datasheet HTML 229Page - National Semiconductor (TI) GX1 Datasheet HTML 230Page - National Semiconductor (TI) GX1 Datasheet HTML 231Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 247 page
background image
Revision 1.0
227
www.national.com
Instruction Set (Continued)
JMP Unconditional Jump
8-bit Displacement
EB +
--------
1
1
b
h,j,k,r
Full Displacement
E9 +++
1
1
Register/Memory Indirect Within Segment
FF [mod 100 r/m]
1/3
1/3
Direct Intersegment
-Call Gate Same Privilege Level
-16-bit Task to 16-bit TSS
-16-bit Task to 32-bit TSS
-16-bit Task to V86 Task
-32-bit Task to 16-bit TSS
-32-bit Task to 32-bit TSS
-32-bit Task to V86 Task
EA [unsigned full offset,
selector]
812
22
186
192
126
189
195
129
Indirect Intersegment
-Call Gate Same Privilege Level
-16-bit Task to 16-bit TSS
-16-bit Task to 32-bit TSS
-16-bit Task to V86 Task
-32-bit Task to 16-bit TSS
-32-bit Task to 32-bit TSS
-32-bit Task to V86 Task
FF [mod 101 r/m]
10
13
23
187
193
127
190
196
130
JNB/JAE/JNC Jump on Not Below/Above or Equal/Not Carry
8-bit Displacement
73 +
--------
1
1
r
Full Displacement
0F 83 +++
1
1
JNBE/JA Jump on Not Below or Equal/Above
8-bit Displacement
77 +
--------
1
1
r
Full Displacement
0F 87 +++
1
1
JNE/JNZ Jump on Not Equal/Not Zero
8-bit Displacement
75 +
--------
1
1
r
Full Displacement
0F 85 +++
1
1
JNL/JGE Jump on Not Less/Greater or Equal
8-bit Displacement
7D +
--------
1
1
r
Full Displacement
0F 8D +++
1
1
JNLE/JG Jump on Not Less or Equal/Greater
8-bit Displacement
7F +
--------
1
1
r
Full Displacement
0F 8F +++
1
1
JNO Jump on Not Overflow
8-bit Displacement
71 +
--------
1
1
r
Full Displacement
0F 81 +++
1
1
JNP/JPO Jump on Not Parity/Parity Odd
8-bit Displacement
7B +
--------
1
1
r
Full Displacement
0F 8B +++
1
1
JNS Jump on Not Sign
8-bit Displacement
79 +
--------
1
1
r
Full Displacement
0F 89 +++
1
1
JO Jump on Overflow
8-bit Displacement
70 +
--------
1
1
r
Full Displacement
0F 80 +++
1
1
JP/JPE Jump on Parity/Parity Even
8-bit Displacement
7A +
--------
1
1
r
Full Displacement
0F 8A +++
1
1
JS Jump on Sign
8-bit Displacement
78 +
--------
1
1
r
Full Displacement
0F 88 +++
1
1
LAHF Load AH with Flags
9F
---------
2
2
LAR Load Access Rights
From Register/Memory
0F 02 [mod reg r/m]
-----x
---
9
a
g,h,j,p
LDS Load Pointer to DS
C5 [mod reg r/m]
---------
4
9
b
h,i,j
Table 8-27. Processor Core Instruction Set Summary (Continued)
Instruction
Opcode
Flags
Real
Mode
Prot’d
Mode
Real
Mode
Prot’d
Mode
OD I
T
S Z
A P C
FFFFFFFFF
Clock Count
(Reg/Cache Hit)
Issues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com