Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 228 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 228 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 224Page - National Semiconductor (TI) GX1 Datasheet HTML 225Page - National Semiconductor (TI) GX1 Datasheet HTML 226Page - National Semiconductor (TI) GX1 Datasheet HTML 227Page - National Semiconductor (TI) GX1 Datasheet HTML 228Page - National Semiconductor (TI) GX1 Datasheet HTML 229Page - National Semiconductor (TI) GX1 Datasheet HTML 230Page - National Semiconductor (TI) GX1 Datasheet HTML 231Page - National Semiconductor (TI) GX1 Datasheet HTML 232Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 247 page
background image
www.national.com
228
Revision 1.0
Instruction Set (Continued)
LEA Load Effective Address
No Index Register
8D [mod reg r/m]
---------
1
1
With Index Register
11
LES Load Pointer to ES
C4 [mod reg r/m]
---------
4
9
b
h,i,j
LFS Load Pointer to FS
0F B4 [mod reg r/m]
---------
4
9
b
h,i,j
LGDT Load GDT Register
0F 01 [mod 010 r/m]
---------
10
10
b,c
h,l
LGS Load Pointer to GS
0F B5 [mod reg r/m]
---------
4
9
b
h,i,j
LIDT Load IDT Register
0F 01 [mod 011 r/m]
---------
10
10
b,c
h,l
LLDT Load LDT Register
From Register/Memory
0F 00 [mod 010 r/m]
---------
8
a
g,h,j,l
LMSW Load Machine Status Word
From Register/Memory
0F 01 [mod 110 r/m]
---------
11
11
b,c
h,l
LODS Load String
A [110 w]
---------
3
3
b
h
LSL Load Segment Limit
From Register/Memory
0F 03 [mod reg r/m]
-----x
---
9
a
g,h,j,p
LSS Load Pointer to SS
0F B2 [mod reg r/m]
---------
4
10
a
h,i,j
LTR Load Task Register
From Register/Memory
0F 00 [mod 011 r/m]
---------
9
a
g,h,j,l
LEAVE Leave Current Stack Frame
C9
---------
4
4
b
h
LOOP Offset Loop/No Loop
E2 +
---------
2
2
r
LOOPNZ/LOOPNE Offset
E0 +
---------
2
2
r
LOOPZ/LOOPE Offset
E1 +
---------
2
2
r
MOV Move Data
Register to Register
8 [10dw] [11 reg r/m]
---------
1
1
b
h,i,j
Register to Memory
8 [100w] [mod reg r/m]
1
1
Register/Memory to Register
8 [101w] [mod reg r/m]
1
1
Immediate to Register/Memory
C [011w] [mod 000 r/m] ###
1
1
Immediate to Register (short form)
B [w reg] ###
1
1
Memory to Accumulator (short form)
A [000w] +++
1
1
Accumulator to Memory (short form)
A [001w] +++
1
1
Register/Memory to Segment Register
8E [mod sreg3 r/m]
1
6
Segment Register to Register/Memory
8C [mod sreg3 r/m]
1
1
MOV Move to/from Control/Debug/Test Regs
Register to CR0/CR2/CR3/CR4
0F 22 [11 eee reg]
---------
20/5/5
18/5/6
l
CR0/CR2/CR3/CR4 to Register
0F 20 [11 eee reg]
6
6
Register to DR0-DR3
0F 23 [11 eee reg]
10
10
DR0-DR3 to Register
0F 21 [11 eee reg]
9
9
Register to DR6-DR7
0F 23 [11 eee reg]
10
10
DR6-DR7 to Register
0F 21 [11 eee reg]
9
9
Register to TR3-5
0F 26 [11 eee reg]
16
16
TR3-5 to Register
0F 24 [11 eee reg]
8
8
Register to TR6-TR7
0F 26 [11 eee reg]
11
11
TR6-TR7 to Register
0F 24 [11 eee reg]
3
3
MOVS Move String
A [010w]
---------
6
6
b
h
MOVSX Move with Sign Extension
Register from Register/Memory
0F B[111w] [mod reg r/m]
---------
1
1
b
h
MOVZX Move withZeroExtension
Register from Register/Memory
0F B[011w] [mod reg r/m]
---------
1
1
b
h
MUL Unsigned Multiply
Accumulator with Register/Memory
Multiplier:
Byte
Word
Doubleword
F [011w] [mod 100 r/m]
x
-
-
-
x
x
u
u
x
4
5
15
4
5
15
bh
NEG Negate Integer
F [011w] [mod 011 r/m]
x-
-
-
xxxxx
1
1
b
h
Table 8-27. Processor Core Instruction Set Summary (Continued)
Instruction
Opcode
Flags
Real
Mode
Prot’d
Mode
Real
Mode
Prot’d
Mode
OD I
T
S Z
A P C
FFFFFFFFF
Clock Count
(Reg/Cache Hit)
Issues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com