Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 225 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 225 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 221Page - National Semiconductor (TI) GX1 Datasheet HTML 222Page - National Semiconductor (TI) GX1 Datasheet HTML 223Page - National Semiconductor (TI) GX1 Datasheet HTML 224Page - National Semiconductor (TI) GX1 Datasheet HTML 225Page - National Semiconductor (TI) GX1 Datasheet HTML 226Page - National Semiconductor (TI) GX1 Datasheet HTML 227Page - National Semiconductor (TI) GX1 Datasheet HTML 228Page - National Semiconductor (TI) GX1 Datasheet HTML 229Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 247 page
background image
Revision 1.0
225
www.national.com
Instruction Set (Continued)
CMOVS Move if Sign
Register, Register/Memory
0F 48 [mod reg r/m]
---------
1
1
r
CMOVNS Move if Not Sign
Register, Register/Memory
0F 49 [mod reg r/m]
---------
1
1
r
CMP Compare Integers
Register to Register
3 [10dw] [11 reg r/m]
x
-
-
-
xxxxx
1
1
b
h
Register to Memory
3 [101w] [mod reg r/m]
1
1
Memory to Register
3 [100w] [mod reg r/m]
1
1
Immediate to Register/Memory
8 [00sw] [mod 111 r/m] ###
1
1
Immediate to Accumulator
3 [110w] ###
1
1
CMPS Compare String
A [011w]
x
-
-
-
xxxxx
6
6
b
h
CMPXCHG Compare and Exchange
Register1, Register2
0F B [000w] [11 reg2 reg1]
x-
-
-
xxxxx
6
6
Memory, Register
0F B [000w] [mod reg r/m]
6
6
CMPXCHG8B Compare and Exchange 8 Bytes
0F C7 [mod 001 r/m]
---------
CPUID CPU Identification
0F A2
---------
12
12
CPU_READ Read Special CPU Register
0F 3C
1
1
CPU_WRITE Write Special CPU Register
0F 3D
1
1
CWD Convert Word to Doubleword
99
---------
2
2
CWDE Convert Word to Doubleword Extended
98
---------
3
3
DAA Decimal Adjust AL after Add
27
----
xxxxx
2
2
DAS Decimal Adjust AL after Subtract
2F
----
xxxxx
2
2
DEC Decrement by 1
Register/Memory
F [111w] [mod 001 r/m]
x-
-
-
xxxx-
1
1
b
h
Register (short form)
4 [1 reg]
1
1
DIV Unsigned Divide
Accumulator by Register/Memory
Divisor:
Byte
Word
Doubleword
F [011w] [mod 110 r/m]
----x
x
u
u
-
20
29
45
20
29
45
b,e
e,h
ENTER Enter New Stack Frame
Level = 0
C8 ##,#
---------
13
13
b
h
Level = 1
17
17
Level (L) > 1
17+2*L
17+2*L
HLT Halt
F4
---------
10
10
l
IDIV Integer (Signed) Divide
Accumulator by Register/Memory
Divisor:
Byte
Word
Doubleword
F [011w] [mod 111 r/m]
----x
x
u
u
-
20
29
45
20
29
45
b,e
e,h
IMUL Integer (Signed) Multiply
Accumulator by Register/Memory
Multiplier:
Byte
Word
Doubleword
F [011w] [mod 101 r/m]
x
-
-
-
x
x
u
u
x
4
5
15
4
5
15
bh
Register with Register/Memory
Multiplier:
Word
Doubleword
0F AF [mod reg r/m]
5
15
5
15
Register/Memory with Immediate to Register2
Multiplier:
Word
Doubleword
6 [10s1] [mod reg r/m] ###
6
16
6
16
IN Input from I/O Port
Fixed Port
E [010w] #
---------
8
8/22
m
Variable Port
E [110w]
8
8/22
INS Input String from I/O Port
6 [110w]
---------
11
11/25
b
h,m
Table 8-27. Processor Core Instruction Set Summary (Continued)
Instruction
Opcode
Flags
Real
Mode
Prot’d
Mode
Real
Mode
Prot’d
Mode
OD I
T
S Z
A P C
FFFFFFFFF
Clock Count
(Reg/Cache Hit)
Issues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com