Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 222 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 222 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 218Page - National Semiconductor (TI) GX1 Datasheet HTML 219Page - National Semiconductor (TI) GX1 Datasheet HTML 220Page - National Semiconductor (TI) GX1 Datasheet HTML 221Page - National Semiconductor (TI) GX1 Datasheet HTML 222Page - National Semiconductor (TI) GX1 Datasheet HTML 223Page - National Semiconductor (TI) GX1 Datasheet HTML 224Page - National Semiconductor (TI) GX1 Datasheet HTML 225Page - National Semiconductor (TI) GX1 Datasheet HTML 226Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 247 page
background image
www.national.com
222
Revision 1.0
Instruction Set (Continued)
8.3
PROCESSOR CORE INSTRUCTION SET
The instruction set for the GX1 processor core is summa-
rized in Table 8-27. The table uses several symbols and
abbreviations that are described next and listed in Table 8-
26.
8.3.1
Opcodes
Opcodes are given as hex values except when they appear
within brackets as binary values.
8.3.2
Clock Counts
The clock counts listed in the instruction set summary table
are grouped by operating mode (real and protected) and
whether there is a register/cache hit or a cache miss. In
some cases, more than one clock count is shown in a col-
umnfor agiven instruction, or avariable isusedinthe
clock count.
8.3.3
Flags
There are nine flags that are affected by the execution of
instructions. The flag names have been abbreviated and various
conventions used to indicate what effect the instruction has
on the particular flag.
Table 8-26. Processor Core Instruction Set
Table Legend
Symbol or
Abbreviatio
n
Description
Opcode
#
Immediate 8-bit data.
##
Immediate 16-bit data.
###
Full immediate 32-bit data (8, 16, 32 bits).
+
8-bit signed displacement.
+++
Full signed displacement (16, 32 bits).
Clock Count
/
Register operand/memory operand.
n
Number of times operation is repeated.
L
Level of the stack frame.
|
Conditional jump taken | Conditional jump not
taken. (e.g. “4|1” = 4 clocks if jump taken, 1
clock if jump not taken).
\CPL
≤ IOPL \ CPL > IOPL
(where CPL = Current Privilege Level, IOPL =
I/O Privilege Level).
Flags
OF
Overflow Flag.
DF
Direction Flag.
IF
Interrupt Enable Flag.
TF
Trap Flag.
SF
Sign Flag.
ZF
Zero Flag.
AF
Auxiliary Flag.
PF
Parity Flag.
CF
Carry Flag.
x
Flag is modified by the instruction.
-
Flag is not changed by the instruction.
0
Flag is reset to “0”.
1Flag is set to “1”.
u
Flag is undefined following execution the
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com