Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 218 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 218 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 214Page - National Semiconductor (TI) GX1 Datasheet HTML 215Page - National Semiconductor (TI) GX1 Datasheet HTML 216Page - National Semiconductor (TI) GX1 Datasheet HTML 217Page - National Semiconductor (TI) GX1 Datasheet HTML 218Page - National Semiconductor (TI) GX1 Datasheet HTML 219Page - National Semiconductor (TI) GX1 Datasheet HTML 220Page - National Semiconductor (TI) GX1 Datasheet HTML 221Page - National Semiconductor (TI) GX1 Datasheet HTML 222Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 247 page
background image
www.national.com
218
Revision 1.0
Instruction Set (Continued)
8.2
CPUID INSTRUCTION
The CPUID instruction (opcode 0FA2) allows the software
to make processor inquiries as to the vendor, family, model,
stepping, features and also provides cache information.
The GX1 supports both the standard and National Semi-
conductor extended CPUID levels.
The presence of the CPUID instruction is indicated by the
ability to change the value of the ID Flag, bit 21 in the
EFLAGS register.
The CPUID level allows the CPUID instruction to return dif-
ferent information in the EAX, EBX, ECX, aand EDX regis-
ters. The level is determined by the initialized value of the
EAX register before the instruction is executed. A summary
of theCPUID levels is showninTable 8-16.
8.2.1
Standard CPUID Levels
The standard CPUID levels are part of the standard x86
instruction set.
8.2.1.1
CPUID Instruction with EAX = 0000 0000h
Standard function 0h (EAX = 0) of the CPUID instruction
returnsthe maximumstandard CPUIDlevelsaswellasthe
processor vendor string.
After the instruction is executed, the EAX register contains
the maximum standard CPUID levels supported. The maxi-
mum standard CPUID level is the highest acceptable value
for the EAX register input. This does not include the
extended CPUID levels.
The EBX through EDX registers contain the vendor string
of the processor as shown in Table 8-17.
Table 8-16. CPUID Levels Summary
CPUID
Type
Initialized
EAX
Register
Returned Data in EAX, EBX,
ECX, EDX Registers
Standard
00000000h
Maximum standard levels, CPU
vendor string
Standard
00000001h
Model, family, type and features
Standard
00000002h
TLB and cache information
Extended
80000000h
Maximum extended levels
Extended
80000001h
Extended model, family, type and
features
Extended
80000002h
CPU marketing name string
Extended
80000003h
Extended
80000004h
Extended
80000005h
TLB and L1 cache description
Table 8-17. CPUID Data Returned when EAX = 0
Register1
1.
The register column is intentionally out of order.
Returned Contents
Description
EAX
2
Maximum Standard
Level
EBX
64
6F
6547
(doeG)
Vendor ID String 1
EDX
79
62
2065
(yb e)
Vendor ID String 2
ECX
43534E20
(CSN )
Vendor ID String 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com